Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVCH162244 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74ALVCH162244 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74ALVCH162244
Download  PI74ALVCH162244 Download
File Size   417.07 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit Buffer Driver with 3-STATE Outputs

PI74ALVCH162244 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74ALVCH162244 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74ALVCH162244
Download  PI74ALVCH162244 Click to download

File Size   417.07 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit Buffer Driver with 3-STATE Outputs

PI74ALVCH162244 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74ALVCH162244 Product details

Product Description
Pericom Semiconductor’s PI74ALVCH series of logic circuits are produced using the Company’s advanced 0.5 micron CMOS technology, achieving industry leading speed.

Product Features
• PI74ALVCH162244 is designed for low-voltage operation
• VCC = 2.3V to 3.6V
• Hysteresis on all inputs
• Typical VOLP (Output Ground Bounce) < 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (Output VOH Undershoot) < 2.0V at VCC = 3.3V, TA = 25°C
• Output ports have equivalent 26-Ohm series resistors: no external resistors are required
• Bus Hold retains last active bus state during 3-State, eliminating the need for external pullup resistors
• Industrial operation: –40°C to +85°C
• Packages available:
    – 48-pin 240 mil wide plastic TSSOP (A)
    – 48-pin 300 mil wide plastic SSOP (V)




Similar Part No. - PI74ALVCH162244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
18-Bit Universal Bus Transceiver With 3-State Outputs
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
12-Bit To 24-Bit Registered Bus Exchanger
More results


Similar Description - PI74ALVCH162244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com