Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6208C Datasheet (PDF) - Renesas Technology Corp

ISL6208C Datasheet PDF - Renesas Technology Corp
Part # ISL6208C
Download  ISL6208C Download
File Size   594.82 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage Synchronous Rectified Buck MOSFET Drivers

ISL6208C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6208C Datasheet PDF - Renesas Technology Corp

Part # ISL6208C
Download  ISL6208C Click to download

File Size   594.82 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage Synchronous Rectified Buck MOSFET Drivers

ISL6208C Datasheet (HTML) - Renesas Technology Corp


ISL6208C Product details

The ISL6208C is a high frequency, dual MOSFET driver, optimized to drive two N-channel power MOSFETs in a synchronous-rectified buck converter topology. It is especially suited for mobile computing applications that require high efficiency and excellent thermal performance. The driver, combined with an Intersil multiphase buck PWM controller, forms a complete single-stage core-voltage regulator solution for advanced mobile microprocessors.

Features
• Dual MOSFET drives for synchronous rectified bridge
• Adaptive shoot-through protection
• 0.5Ω ON-resistance and 4A sink current capability
• Supports high switching frequency up to 2MHz
    - Fast output rise and fall time
    - Low propagation delay
• Three-state PWM input for power stage shutdown
• Internal bootstrap Schottky diode
• Low bias supply current (5V, 80µA)
• Diode emulation for enhanced light load efficiency and prebiased start-up applications
• VCC POR (Power-On-Reset) feature integrated
• Low three-state shutdown holdoff time (typical 160ns)
• Pin-to-pin compatible with ISL6207
• DFN package
• Pb-free (RoHS compliant)

Applications
• Core voltage supplies for Intel™ and AMD™ mobile microprocessors
• High frequency low profile DC/DC converters
• High current low output voltage DC/DC converters
• High input voltage DC/DC converters




Similar Part No. - ISL6208C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208C INTERSIL-ISL6208C Datasheet
338Kb / 11P
High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208CB INTERSIL-ISL6208CB Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 30, 2007
ISL6208CB INTERSIL-ISL6208CB Datasheet
1Mb / 11P
High Voltage Synchronous Rectified Buck MOSFET Driver
August 7, 2008
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Similar Description - ISL6208C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
November 22, 2011
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
High Voltage Synchronous Rectified Buck MOSFET Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com