Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2630 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-2630 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-2630
Download  HCPL-2630 Download
File Size   123.56 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Gull Wing Surface Mount Option for Optocouplers

HCPL-2630 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-2630 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2630
Download  HCPL-2630 Click to download

File Size   123.56 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Gull Wing Surface Mount Option for Optocouplers

HCPL-2630 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-2630 Product details

Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo etector.
An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottky clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification up to 15,000 V/µs at Vcm = 1000 V.
This unique design provides maximum AC and DC circuit isolation while achieving TTL compatibility. The optocoupler AC and DC operational param e ters are guaranteed from -40 °C to +85 °C allowing troublefree system performance.

Features
• 15 kV/µs minimum Common Mode Rejection (CMR)
   at Vcm= 1 kV for HCNW2611, HCPL-2611, HCPL-4661, HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temperature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
   UL recognized - 3750 Vrms for 1 minute and 5000 Vrms for 1 minute per
   UL1577 CSA approved




Similar Part No. - HCPL-2630

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2630 QT-HCPL-2630 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2630 HP-HCPL-2630 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630 HP-HCPL-2630 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-2630 HP-HCPL-2630 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2630 HP-HCPL-2630 Datasheet
162Kb / 10P
Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
More results


Similar Description - HCPL-2630

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
logo
DOMINANT Semiconductors
DDB-CRS-PQ2-1 DOMINANT-DDB-CRS-PQ2-1 Datasheet
185Kb / 10P
LED InGaN - Reverse Gull-wing
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
AXIAL LED, GULL WING LEADS
logo
Micropac Industries
66287 MICROPAC-66287 Datasheet
69Kb / 3P
TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
66288 MICROPAC-66288 Datasheet
46Kb / 2P
HIGH GAIN GULL WING OPTOCOUPLER
66291 MICROPAC-66291 Datasheet
79Kb / 3P
GLOB TOP TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
logo
CTS Corporation
768 CTS-768_16 Datasheet
95Kb / 4P
Surface Mount Gull Wing Design
logo
LUMEX INC.
SSL-LXA228SGC-TR11 LUMEX-SSL-LXA228SGC-TR11 Datasheet
64Kb / 1P
Axial LED, GUll WING LEADS
logo
Broadcom Corporation.
OPTION300 BOARDCOM-OPTION300 Datasheet
123Kb / 6P
Gull Wing Surface Mount Option for Optocouplers
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com