Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF10GZ47 Datasheet (PDF) - Toshiba Semiconductor

SF10GZ47 Datasheet PDF - Toshiba Semiconductor
Part # SF10GZ47
Download  SF10GZ47 Download
File Size   293.48 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA THYRISTOR SILICON DIFFUSED TYPE

SF10GZ47 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF10GZ47 Datasheet PDF - Toshiba Semiconductor

Part # SF10GZ47
Download  SF10GZ47 Click to download

File Size   293.48 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA THYRISTOR SILICON DIFFUSED TYPE

SF10GZ47 Datasheet (HTML) - Toshiba Semiconductor


SF10GZ47 Product details

MEDIUM POWER CONTROL APPLICATIONS



• Repetitive Peak Off−State Voltage : VDRM = 400,600V

  Repetitive Peak Reverse Voltage : VRRM = 400,600V

• Average On−State Current : IT (AV) = 10A

• Isolation Voltage : VIsol = 1500V AC




Similar Part No. - SF10GZ47

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF10GZ47 KERSEMI-SF10GZ47 Datasheet
912Kb / 5P
Thyristor silicon diffused type
More results


Similar Description - SF10GZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10J48 TOSHIBA-SF10J48 Datasheet
232Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
URSF05G49-1P TOSHIBA-URSF05G49-1P Datasheet
253Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
S5688N TOSHIBA-S5688N Datasheet
96Kb / 3P
TOSHIBA Rectifier Silicon Diffused Type
0R8GU41 TOSHIBA-0R8GU41 Datasheet
131Kb / 3P
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
U10LC48 TOSHIBA-U10LC48 Datasheet
190Kb / 4P
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
SF3GZ47 TOSHIBA-SF3GZ47 Datasheet
292Kb / 5P
TOSHIBA THYRISTOR SILICON DIFFUSED TYPE
logo
Kersemi Electronic Co.,...
SF3GZ47 KERSEMI-SF3GZ47 Datasheet
909Kb / 5P
THYRISTOR SILICON DIFFUSED TYPE
SF10GZ47 KERSEMI-SF10GZ47 Datasheet
912Kb / 5P
Thyristor silicon diffused type
logo
Toshiba Semiconductor
CRG07 TOSHIBA-CRG07 Datasheet
252Kb / 4P
TOSHIBA Rectifier Silicon Diffused Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com