Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3018KM Datasheet (PDF) - Allegro MicroSystems

SI-3018KM Datasheet PDF - Allegro MicroSystems
Part # SI-3018KM
Download  SI-3018KM Download
File Size   371.7 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1 A, Low-Dropout, 1.8 V Regulator

SI-3018KM Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3018KM Datasheet PDF - Allegro MicroSystems

Part # SI-3018KM
Download  SI-3018KM Click to download

File Size   371.7 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1 A, Low-Dropout, 1.8 V Regulator

SI-3018KM Datasheet (HTML) - Allegro MicroSystems


SI-3018KM Product details

FEATURES
■ 1 A Output Current at 1.8 V
■ 0.6 V Maximum Dropout Voltage at IO = 1 A
■ Fast Transient Response
■ 1 µA Maximum Standby Current
■ Remote Voltage Sensing
■ Foldback Current Limiting
■ Ground Tab for Superior Heat Dissipation
■ Thermal Protection




Similar Part No. - SI-3018KM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3018KS ETC-SI-3018KS Datasheet
92Kb / 7P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results


Similar Description - SI-3018KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
1 A, Low-Dropout, 1.28~15 V Regulator
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
1 A, Low-Dropout, 1.0~16 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
1 A, Low-Dropout, 2.5 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
1 A, Low-Dropout, 3.3 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
1 A, Low-Dropout, 5.0 V Regulator
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
1 A, Low-Dropout, 9.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
1 A, Low-Dropout, 12 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com