Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8216 Datasheet (PDF) - STMicroelectronics

STV8216 Datasheet PDF - STMicroelectronics
Part # STV8216
Download  STV8216 Download
File Size   1871.69 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multistandard TV Audio Processor and Digital Sound Demodulator

STV8216 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV8216 Datasheet PDF - STMicroelectronics

Part # STV8216
Download  STV8216 Click to download

File Size   1871.69 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multistandard TV Audio Processor and Digital Sound Demodulator

STV8216 Datasheet (HTML) - STMicroelectronics


STV8216 Product details

General Description
Overview
The STV82x6 is composed of three main parts:
1. TV Sound Demodulator: provides all the necessary circuitry for the demodulation of audio transmissions of European and Asian terrestrial TV broadcasts. The various transmission standards are automatically detected and demodulated without user intervention.
2. Audio Processor: based on DSP technology, independently controls loudspeaker, subwoofer and headphone signals. It offers basic and advanced features, such as a ST WideSurround, Equalizer, Automatic Loudness and Smart Volume Control for television viewer comfort. The STV8226/36 versions can perform additionally the SRS® 3D Surround for stereo and mono signals.
3. Audio Matrix: 3 stereo and 1 mono external analog audio inputs to loudspeakers and headphone, with 2 stereo external analog audio outputs (SCART compatible).

Key Features
■ NICAM, AM, FM Mono and FM 2 Carrier Stereo Demodulators for all sound carriers between 4.5 and 7 MHz
■ Mono input provided for optimum AM Demodulation performances
■ Demodulation controlled by Automatic Standard Recognition System
■ Sound IF AGC with wide range
■ Overmodulation and Carrier Offset recovery
■ Smart Volume Control
■ 5-band Equalizer & Bass/Treble Control
■ Automatic Loudness Control
■ Loudspeaker and Headphone outputs with Volume/Balance Controls and Beeper
■ Subwoofer output with Volume Control and Programmable Bandwidth
■ Spatial Sound Effects (ST WideSurround and Pseudo-Stereo)
■ SRS® 3D Surround
■ 3-to-2 Analog Stereo Audio I/Os (SCART compatible) with Audio Matrix
■ Low-noise Audio Mutes and Switches
■ I²S Output to interface with Dolby® Pro Logic® Decoder
■ I²C Bus-controlled
■ Single and standard 27 MHz Crystal Oscillator
■ Power supplies: 3.3 V Digital, 5 V or 8 V Analog
■ Embedded 3.3 V Regulators
■ Packages: SDIP56 or TQFP80




Similar Part No. - STV8216

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8211 STMICROELECTRONICS-STV8211 Datasheet
113Kb / 8P
VIDEO & SOUND IF SYSTEM
Aug-1994
STV8217 STMICROELECTRONICS-STV8217 Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
STV8217 STMICROELECTRONICS-STV8217 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
STV8217T STMICROELECTRONICS-STV8217T Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
More results


Similar Description - STV8216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
TV sound AM-demodulator and audio source switch
June 1994
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
Digital TV sound demodulator/decoder
1998 Apr 27
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
MULTISTANDARD TV SOUND DEMODULATOR
Jan-1999
logo
Micronas
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
Multistandard Sound Processor
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
Multistandard Sound Processor
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com