Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN73901M Datasheet (PDF) - ON Semiconductor

FAN73901M Datasheet PDF - ON Semiconductor
Part # FAN73901M
Download  FAN73901M Download
File Size   1783.56 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High- and Low-Side, Gate-Drive IC

FAN73901M Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN73901M Datasheet PDF - ON Semiconductor

Part # FAN73901M
Download  FAN73901M Click to download

File Size   1783.56 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High- and Low-Side, Gate-Drive IC

FAN73901M Datasheet (HTML) - ON Semiconductor


FAN73901M Product details

Description
The FAN73901 is a monolithic high- and low-side gate drive IC, which can drive high-speed MOSFETs and IGBTs that operate up to +600 V. It has a buffered output stage with all NMOS transistors designed for high pulse current driving capability and minimum cross-conduction.

Features
■ Floating Channels for Bootstrap Operation to +600 V
■ Typically 2.5 A / 2.5 A Sourcing/Sinking Current Driving Capability
■ Common-Mode dv/dt Noise Canceling Circuit
■ Built-in Under-Voltage Lockout for Both Channels
■ Matched Propagation Delay for Both Channels
■ 3.3 V and 5 V Input Logic Compatible
■ Output In-Phase with Input

Applications
■ Half-Bridge Driver
■ HID Lamp Ballast
■ SMPS
■ Motor Driver




Similar Part No. - FAN73901M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73901M FAIRCHILD-FAN73901M Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
FAN73901MX FAIRCHILD-FAN73901MX Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
More results


Similar Description - FAN73901M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
High-Current, High & Low-Side, Gate-Drive IC
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
High-Current, High & Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com