Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0930 Datasheet (PDF) - ATMEL Corporation

T0930 Datasheet PDF - ATMEL Corporation
Part # T0930
Download  T0930 Download
File Size   144.45 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SiGe Power Amplifier for CW Applications

T0930 Datasheet (PDF)

Go To PDF Page Download Datasheet
T0930 Datasheet PDF - ATMEL Corporation

Part # T0930
Download  T0930 Click to download

File Size   144.45 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SiGe Power Amplifier for CW Applications

T0930 Datasheet (HTML) - ATMEL Corporation


T0930 Product details

Description

The T0930 is a monolithic integrated power amplifier IC. The device is manufactured with Atmel’s Silicon-Germanium (SiGe) technology and has been designed for use in 900-MHz two-way pagers, PDAs, meter readers and ISM phones.



Features

• Up to 33 dBm Output Power in CW Mode

• High Power Added Efficiency (PAE)

• Single Supply Operation at 2.4 V (1 W) or 3.2 V (2 W)

• Current Consumption in Power-down Mode 10 µA

• No External Power Supply Switch Required

• Power Ramp Control

• Simple Input and Output Matching for Maximum Flexibility

• SMD Package (PSSOP16 with Heat Slug)




Similar Part No. - T0930

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T0931000408-000 TEC-T0931000408-000 Datasheet
1Mb / 3P
BESS STACKED HYBRID CONNECTOR
T0931000423 TEC-T0931000423 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T0931003003 TEC-T0931003003 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T0931003003-000 TEC-T0931003003-000 Datasheet
210Kb / 4P
Base Housing
T0931003003-000 TEC-T0931003003-000 Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
More results


Similar Description - T0930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
NXP Semiconductors
BGU2003 PHILIPS-BGU2003 Datasheet
62Kb / 8P
SiGe MMIC amplifier
2002 May 17
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
SiGe HBT MMIC POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
3V HBT SiGe CDMA POWER AMPLIFIER MODULE
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
SiGe MMIC High Frequency Power Amplifier
logo
Communications & Power ...
5681K CPI-5681K Datasheet
79Kb / 1P
CW oscillator or amplifier
VZK-2790J1 CPI-VZK-2790J1 Datasheet
146Kb / 2P
150W CW TWT Power Amplifier
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A Datasheet
379Kb / 16P
SiGe Linear Power Amplifier for 2.4 GHz Band Applications
logo
RFHIC
RYP24200-20S RFHIC-RYP24200-20S Datasheet
490Kb / 7P
CW Pallet Amplifier
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com