Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6311 Datasheet (PDF) - Renesas Technology Corp

HIP6311 Datasheet PDF - Renesas Technology Corp
Part # HIP6311
Download  HIP6311 Download
File Size   802.52 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

HIP6311 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6311 Datasheet PDF - Renesas Technology Corp

Part # HIP6311
Download  HIP6311 Click to download

File Size   802.52 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

HIP6311 Datasheet (HTML) - Renesas Technology Corp


HIP6311 Product details

The HIP6311 multi-phase PWM control IC together with its companion gate drivers, the HIP6601, HIP6602 or HIP6603 and internal MOSFETs provides a precision voltage regulation system for advanced microprocessors.

Features
• Multi-Phase Power Conversion
• Precision Channel Current Sharing
    - Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
    - 0.8% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
    - 5-Bit VID Input
    - 1.100V to 1.850V in 25mV Steps
    - Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Automatic Selection of 2, 3, or 4 Phase Operation
• High Ripple Frequency, (Channel Frequency) Times
    Number Channels . . . . . . . . . . . . . . . . . .100kHz to 6MHz
• Pb-Free Available (RoHS Compliant)




Similar Part No. - HIP6311

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6311 INTERSIL-HIP6311 Datasheet
195Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 02
HIP6311 INTERSIL-HIP6311 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311A INTERSIL-HIP6311A Datasheet
449Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6311ACB INTERSIL-HIP6311ACB Datasheet
449Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
More results


Similar Description - HIP6311

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
November 2000
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com