Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6413 Datasheet (PDF) - Renesas Technology Corp

ISL6413 Datasheet PDF - Renesas Technology Corp
Part # ISL6413
Download  ISL6413 Download
File Size   640.99 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Output Regulator with Single Synchronous Buck and Dual LDO

ISL6413 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6413 Datasheet PDF - Renesas Technology Corp

Part # ISL6413
Download  ISL6413 Click to download

File Size   640.99 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Output Regulator with Single Synchronous Buck and Dual LDO

ISL6413 Datasheet (HTML) - Renesas Technology Corp


ISL6413 Product details

Triple Output Regulator with Single Synchronous Buck and Dual LDO

The ISL6413 is a highly integrated triple output regulator which provides a single chip solution for wireless chipset power management. The device integrates high efficiency synchronous buck regulator with two ultra low noise LDO regulators. The IC accepts an input voltage range of 3.0V to 3.6V and provides three regulated output voltages: 1.8V (PWM), 2.84V (LDO1), and another ultra-clean 2.84V (LDO2).

Features
• Fully Integrated Synchronous Buck Regulator + Dual LDO
• High Output Current (For QFN package)
    - PWM, 1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mA
    - LDO1, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
    - LDO2, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
• Ultra-Compact DC-DC Converter Design
• Stable with Small Ceramic Output Capacitors
• High conversion efficiency
• Low Shutdown supply current
• Ultra-Low Dropout Voltage for LDOs
    - LDO1, 2.84V. . . . . . . . . . . . . . . 125mV (typ.) at 300mA
    - LDO2, 2.84V. . . . . . . . . . . . . . . 100mV (typ.) at 200mA
• Ultra-Low Output Voltage Noise
    - <30µVRMS (typ.) for LDO2 (VCO Supply)
• PG_LDO, PG_PWM and PG_PWM outputs
• Extensive circuit protection and monitoring features
    - Over voltage protection
    - Over current protection
    - Shutdown
    - Thermal Shutdown
• Integrated RESET output for microprocessor reset
• Proven Reference Design for Total WLAN System Solution
• QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
        No Leads - Product Outline
    - Near Chip-Scale Package Footprint Improves PCB
        Efficiency and Is Thinner in Profile

Applications
• WLAN Cards
    - PCMCIA, Cardbus32, MiniPCI Cards
    - Compact Flash Cards
• Liberty Chipset
• Hand-Held Instruments




Similar Part No. - ISL6413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
ISL6413IR INTERSIL-ISL6413IR Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
More results


Similar Description - ISL6413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
December 27, 2004
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
ISL6415 RENESAS-ISL6415 Datasheet
680Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
Dec 27, 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com