Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6445 Datasheet (PDF) - Renesas Technology Corp

ISL6445 Datasheet PDF - Renesas Technology Corp
Part # ISL6445
Download  ISL6445 Download
File Size   702.76 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller

ISL6445 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6445 Datasheet PDF - Renesas Technology Corp

Part # ISL6445
Download  ISL6445 Click to download

File Size   702.76 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller

ISL6445 Datasheet (HTML) - Renesas Technology Corp


ISL6445 Product details

1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM Controller

The ISL6445 is a high-performance, dual-output PWM controller optimized for converting wall adapter, battery or network intermediate bus DC input supplies into the system supply voltages required for a wide variety of applications. Each output is adjustable down to 0.8V. The two PWMs are synchronized 180o out-of-phase reducing the RMS input current and ripple voltage.

Features
• Wide Input Supply Voltage Range
    - 5.6V to 24V
    - 4.5V to 5.6V
• Two Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . .1.4MHz
• Out-of-Phase PWM Controller Operation
    - Reduces Required Input Capacitance and Power Supply Induced Loads
• No External Current Sense Resistor
    - Uses Lower MOSFET’s rDS(ON)
• Programmable Soft-Start
• Extensive Circuit Protection Functions
    - PGOOD
    - UVLO
    - Overcurrent
    - Over-temperature
    - Independent Shutdown for Both PWMs
• Excellent Dynamic Response
    - Voltage Feed-Forward with Current Mode Control
• Pb-Free (RoHS Compliant)

Applications
• Power Supplies with Two Outputs
• xDSL Modems/Routers
• DSP, ASIC, and FPGA Power Supplies
• Set-Top Boxes
• Dual Output Supplies for DSP, Memory, Logic, µP Core and I/O
• Telecom Systems




Similar Part No. - ISL6445

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
ISL6445IAZ INTERSIL-ISL6445IAZ Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
More results


Similar Description - ISL6445

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com