Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3741BM Datasheet (PDF) - TEMIC Semiconductors

U3741BM Datasheet PDF - TEMIC Semiconductors
Part # U3741BM
Download  U3741BM Download
File Size   429.94 Kbytes
Page   25 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description UHF ASK/FSK Receiver

U3741BM Datasheet (PDF)

Go To PDF Page Download Datasheet
U3741BM Datasheet PDF - TEMIC Semiconductors

Part # U3741BM
Download  U3741BM Click to download

File Size   429.94 Kbytes
Page   25 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description UHF ASK/FSK Receiver

U3741BM Datasheet (HTML) - TEMIC Semiconductors


U3741BM Product details

Description
The U3741BM is a multi-chip PLL receiver device supplied in an SO20 package. It has been specially developed for the demands of RF low-cost data transmission systems with low data rates from 1 kBaud to 10 kBaud (1 kBaud to 3.2 kBaud for FSK) in Manchester or Bi-phase code. The receiver is well suited to operate with the TEMIC PLL RF transmitter U2741B. Its main applications are in the areas of telemetering, security technology and keyless-entry systems. It can be used in the frequency receiving range of f0 = 300 MHz to 450 MHz for ASK or FSK data transmission. All the statements made below refer to 433.92-MHz and 315-MHz applications.

Features
● Minimal external circuitry requirements, no RF components on the PC board except adaptation to the receiver antenna
● High sensitivity, especially at low data rates
● Sensitivity reduction possible even while receiving
● Fully integrated VCO
● Low power consumption due to configurable self polling with a programmable timeframe check
● Supply voltage 4.5 V to 5.5 V, operating temperature range –40°C to 105°C
● Single-ended RF input for easy adaptation to λ/4 antenna or printed antenna on PCB
● Low-cost solution due to high integration level
● ESD protection according to MIL-STD. 883 (4KV HBM) except Pin POUT (2KV HBM)
● High image frequency suppression due to 1 MHz IF in conjunction with a SAW front-end filter. Up to 40 dB is thereby achievable with newer SAWs.
● Programmable output port for sensitivity selection or for controlling external periphery
● Communication to C possible via a single, bi-directional data line
● Power management (polling) is also possible by means of a separate pin via the C
● 2 different IF bandwidth versions are available (300 kHz and 600 kHz)




Similar Part No. - U3741BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3741BM ATMEL-U3741BM Datasheet
483Kb / 32P
UHF ASK RECEIVER IC
U3741BM-P2FL ATMEL-U3741BM-P2FL Datasheet
483Kb / 32P
UHF ASK RECEIVER IC
U3741BM-P2FLG3 ATMEL-U3741BM-P2FLG3 Datasheet
483Kb / 32P
UHF ASK RECEIVER IC
U3741BM-P3FL ATMEL-U3741BM-P3FL Datasheet
483Kb / 32P
UHF ASK RECEIVER IC
U3741BM-P3FLG3 ATMEL-U3741BM-P3FLG3 Datasheet
483Kb / 32P
UHF ASK RECEIVER IC
More results


Similar Description - U3741BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com