Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC564LC4 Datasheet (PDF) - Analog Devices

HMC564LC4 Datasheet PDF - Analog Devices
Part # HMC564LC4
Download  HMC564LC4 Download
File Size   1293.43 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs SMT pHEMT LOW NOISE AMPLIFIER

HMC564LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC564LC4 Datasheet PDF - Analog Devices

Part # HMC564LC4
Download  HMC564LC4 Click to download

File Size   1293.43 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs SMT pHEMT LOW NOISE AMPLIFIER

HMC564LC4 Datasheet (HTML) - Analog Devices


HMC564LC4 Product details

General Description
The HMC564LC4 is a high dynamic range GaAs pHEMT MMIC Low Noise Amplifier housed in a leadless RoHS compliant 4x4 mm SMT package. Operating from 7 to 14 GHz, the HMC564LC4 features extremely flat small signal gain of 17 dB as well as 1.8 dB noise figure and +25 dBm output IP3 across the operating band. This self-biased LNA is ideal for microwave radios due to its consistent output power, single +3V supply operation, and DC blocked RF I/O’s.

Features
   Noise Figure: 1.8 dB
   Gain: 17 dB
   OIP3: 25 dBm
   Single Supply: +3V @ 51 mA
   50 Ohm Matched Input/Output
   RoHS Compliant 4 x 4 mm Package

Typical Applications
The HMC564LC4 is ideal for use as a LNA or driver amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military & Space




Similar Part No. - HMC564LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
More results


Similar Description - HMC564LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5_09 Datasheet
226Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
GaAs pHEMT LOW NOISE AMPLIFIER
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com