Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9008A Datasheet (PDF) - Renesas Technology Corp

ISL9008A Datasheet PDF - Renesas Technology Corp
Part # ISL9008A
Download  ISL9008A Download
File Size   575.89 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise LDO with Low IQ, High PSRR

ISL9008A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9008A Datasheet PDF - Renesas Technology Corp

Part # ISL9008A
Download  ISL9008A Click to download

File Size   575.89 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise LDO with Low IQ, High PSRR

ISL9008A Datasheet (HTML) - Renesas Technology Corp


ISL9008A Product details

Low Noise LDO with Low IQ, High PSRR

ISL9008A is a high performance single low noise, high PSRR LDO that delivers a continuous 150mA of load current. It has a low standby current and is stable with 1µF of MLCC output capacitance with an ESR of up to 200mΩ.

Features
• High performance LDO with 150mA continuous output
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across full range of load current
• High PSRR: 65dB at 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 46µA
• Low dropout voltage: typically 200mV at 150mA
• Low output noise: typically 45µVRMS at 100µA (1.5V)
• Stable with 1µF to 4.7µF ceramic capacitors
• Shutdown pin turns off LDO with 1µA (max) standby current
• Soft-start limits input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• 5 Ld SC-70 package or 6 Ld µTDFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices including medical handhelds




Similar Part No. - ISL9008A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
Low Noise LDO with Low IQ, High PSRR
ISL9008A INTERSIL-ISL9008A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL9008A INTERSIL-ISL9008A Datasheet
290Kb / 11P
Low Noise LDO with Low IQ, High PSRR
June 27, 2014
ISL9008AIEBZ-T INTERSIL-ISL9008AIEBZ-T Datasheet
235Kb / 11P
Low Noise LDO with Low IQ, High PSRR
ISL9008AIEBZ-T INTERSIL-ISL9008AIEBZ-T Datasheet
290Kb / 11P
Low Noise LDO with Low IQ, High PSRR
June 27, 2014
More results


Similar Description - ISL9008A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
Low Noise LDO with Low IQ, High PSRR
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
Low Noise LDO with Low IQ, High PSRR
June 27, 2014
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com