Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21080 Datasheet (PDF) - Renesas Technology Corp

ISL21080 Datasheet PDF - Renesas Technology Corp
Part # ISL21080
Download  ISL21080 Download
File Size   1224.35 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 300nA NanoPower Voltage References

ISL21080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21080 Datasheet PDF - Renesas Technology Corp

Part # ISL21080
Download  ISL21080 Click to download

File Size   1224.35 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 300nA NanoPower Voltage References

ISL21080 Datasheet (HTML) - Renesas Technology Corp


ISL21080 Product details

300nA NanoPower Voltage References

The ISL21080 analog voltage references feature low supply voltage operation at ultra-low 310nA typical, 1.5µA maximum operating current. Additionally, the ISL21080 family features guaranteed initial accuracy as low as ±0.2% and 50ppm/°C temperature coefficient.

Features
• Reference output voltage . . . . . . . . 0.900V, 1.024V, 1.250V, 1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V
• Initial accuracy:
   - ISL21080-09 and -10 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.7%
   - ISL21080-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.6%
   - ISL21080-15 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5%
   - ISL21080-20 and -25 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3%
   - ISL21080-30, -33, -41, and -50 . . . . . . . . . . . . . . . . . ±0.2%
• Input voltage range:
   - ISL21080-09 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V to 5.5V
   - ISL21080-10, -12, -15, -20 and -25. . . . . . . . . 2.7V to 5.5V
   - ISL21080-30 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
   - ISL21080-33 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
   - ISL21080-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 8.0V
   - ISL21080-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V to 8.0V
• Output voltage noise . . . . . . . . . . . . .30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5µA (max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . ±7mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications
• Energy harvesting applications
• Wireless sensor network applications
• Low power voltage sources for controllers, FPGA, ASICs, or logic devices
• Battery management/monitoring
• Low power standby voltages
• Portable Instrumentation
• Consumer/medical electronics
• Wearable electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Similar Part No. - ISL21080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
300nA NanoPower Voltage References
July 28, 2009
ISL21080 INTERSIL-ISL21080 Datasheet
658Kb / 17P
300nA NanoPower Voltage References
October 14, 2009
ISL21080 INTERSIL-ISL21080 Datasheet
995Kb / 21P
300nA NanoPower Voltage References
May 25, 2010
ISL21080 INTERSIL-ISL21080 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL21080 INTERSIL-ISL21080 Datasheet
927Kb / 20P
300nA NanoPower Voltage References
June 23, 2014
More results


Similar Description - ISL21080

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
300nA NanoPower Voltage References
July 28, 2009
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
300nA NanoPower Voltage References
October 14, 2009
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
300nA NanoPower Voltage References
May 25, 2010
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
1.6V Nanopower Comparators with/without Internal References
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
300nA NanoPower Voltage References
June 23, 2014
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
Voltage References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
1.6V Nanopower Comparators with/without Internal References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com