Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21090 Datasheet (PDF) - Renesas Technology Corp

ISL21090 Datasheet PDF - Renesas Technology Corp
Part # ISL21090
Download  ISL21090 Download
File Size   1689.21 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Noise, Precision Voltage Reference

ISL21090 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21090 Datasheet PDF - Renesas Technology Corp

Part # ISL21090
Download  ISL21090 Click to download

File Size   1689.21 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Noise, Precision Voltage Reference

ISL21090 Datasheet (HTML) - Renesas Technology Corp


ISL21090 Product details

Ultra Low Noise, Precision Voltage Reference

The ISL21090 is a ultra low noise, high DC accuracy precision voltage reference with wide input voltage range. The ISL21090 uses the new Intersil Advanced Bipolar technology to achieve sub 1.0µVP-P (1.25V option) 0.1Hz to 10Hz noise with an initial voltage accuracy of 0.02% (2.5V option).

Features
• Reference output voltage option
    - 1.25V, 2.5V, 5.0V and 7.5V
• Initial accuracy:
    - ISL21090-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.03%
    - ISL21090-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.02%
    - ISL21090-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.025%
    - ISL21090-75 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.035%
• Output voltage noise (0.1Hz to 10Hz) . . . . . . . . . . . . 1.0µVP-P typ (1.25V option)
• Supply current . . . . . . . . . . . . . . . . . . . . 750µA (1.25V option)
• Temperature coefficient . . . . . . . . . . . . . . . . . . 7ppm/°C max
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line regulation . . . . . . . . . . . . . . . . . . .6ppm/V (1.25V option)
• Load regulation . . . . . . . . . . . . . . 2.5ppm/mA (1.25V option)
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C

Applications
• High-end instrumentation
• Precision voltage sources for data acquisition system, industrial control, communication infrastructure
• Process control and instrumentations
• Active source for sensors




Similar Part No. - ISL21090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
June 8, 2011
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090AFB825Z-TK INTERSIL-ISL21090AFB825Z-TK Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090B INTERSIL-ISL21090B Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISL21090

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Maxim Integrated Produc...
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com