Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC494H Datasheet (PDF) - List of Unclassifed Manufacturers

HC494H Datasheet PDF - List of Unclassifed Manufacturers
Part # HC494H
Download  HC494H Download
File Size   39.91 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HC49/4H Crystals

HC494H Datasheet (PDF)

Go To PDF Page Download Datasheet
HC494H Datasheet PDF - List of Unclassifed Manufacturers

Part # HC494H
Download  HC494H Click to download

File Size   39.91 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HC49/4H Crystals

HC494H Datasheet (HTML) - List of Unclassifed Manufacturers


HC494H Product details

[CMAC]

Delivery Options
■ Common frequencies maybe available from stock
■ Lower height holders available please contact sales office

Holder Style
■ HC49/4H crystals are resistance welded, hermetically
   sealed in an inert atmosphere with glass to metal seals
   securing the lead wires
■ Holders suffixed ‘–3L have a centre third wire which
   grounds the case

General Specifications
■ Load Capacitance (CL): 10pF to 75pF or Series
■ Drive Level: 500µW max.
■ Static Capacitance (C0): 7pF max.
■ Ageing: ±5ppm typical per year, ±1ppm available on request




Similar Part No. - HC494H

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
More results


Similar Description - HC494H

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
Crystek Corporation
CYXX CRYSTEKCRYSTAL-CYXX_15 Datasheet
51Kb / 1P
Leaded HC49 Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0694A TAI-SAW-TZ0694A Datasheet
257Kb / 4P
HC49-SMD 4.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com