| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL8088
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
September 21, 2009 |
|
ISL8088
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 29, 2010 |
|
ISL8022
|
1Mb / 18P |
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous
August 25, 2010 |
|
ISL78228
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
|
ISL78228ARZ-T
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013 |
|
ISL78228ARZ
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015 |
|
ISL78322ARZ
|
1Mb / 18P |
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014 |
 Renesas Technology Corp |
ISL8022
|
1Mb / 18P |
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
|
ISL8088
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
|
ISL78228
|
1Mb / 18P |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|