Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5225 Datasheet (PDF) - Renesas Technology Corp

EL5225 Datasheet PDF - Renesas Technology Corp
Part # EL5225
Download  EL5225 Download
File Size   1027.38 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Channel TFT-LCD Reference Voltage Generator

EL5225 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5225 Datasheet PDF - Renesas Technology Corp

Part # EL5225
Download  EL5225 Click to download

File Size   1027.38 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Channel TFT-LCD Reference Voltage Generator

EL5225 Datasheet (HTML) - Renesas Technology Corp


EL5225 Product details

10-Channel TFT-LCD Reference Voltage Generator

The EL5225 is designed to produce the reference voltages required in TFT-LCD applications. Each output is programmed to the required voltage with 10 bits of resolution. Reference pins determine the high and low voltages of the output range, which are capable of swinging to either supply rail. Programming of each output is performed using the 3-wire, SPI compatible interface.

Features
• 10-channel reference outputs
• Accuracy of ±1%
• Supply voltage of 5V to 16.5V
• Digital supply 3.3V to 5V
• Low supply current of 9mA
• Rail-to-rail capability
• Pb-free available (RoHS compliant)

Applications
• TFT-LCD drive circuits
• Reference voltage generators




Similar Part No. - EL5225

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5225IRZ INTERSIL-EL5225IRZ Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5225IRZ-T13 INTERSIL-EL5225IRZ-T13 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5225IRZ-T7 INTERSIL-EL5225IRZ-T7 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
More results


Similar Description - EL5225

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
8-Channel TFT-LCD Reference Voltage Generator
April 2003
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
12-Channel TFT-LCD Reference Voltage Generator
March 5, 2004
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
August 24, 2006
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com