Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6101 Datasheet (PDF) - Maxim Integrated Products

MAX6101 Datasheet PDF - Maxim Integrated Products
Part # MAX6101
Download  MAX6101 Download
File Size   326.71 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References

MAX6101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6101 Datasheet PDF - Maxim Integrated Products

Part # MAX6101
Download  MAX6101 Click to download

File Size   326.71 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References

MAX6101 Datasheet (HTML) - Maxim Integrated Products


MAX6101 Product details

General Description
The MAX6100–MAX6107 are low-cost, low-dropout (LDO), micropower voltage references. These three-terminal references are available with output voltage options of 1.25V, 1.8V, 2.048V, 2.5V, 3V, 4.096V, 4.5V, and 5V. They feature a proprietary curvature-correction circuit and laser-trimmed, thin-film resistors that result in a low temperature coefficient of 75ppm/°C (max) and an initial accuracy of ±0.4% (max). These devices are specified over the extended temperature range (-40°C to +85°C).

Features
♦ Ultra-Small 3-Pin SOT23 Package
♦ Low Cost
♦ No Output Capacitor Required
♦ Stable with Capacitive Loads
♦ Load Regulation (2mA Sink): 8mV/mA (max)
   Load Regulation (5mA Source): 0.9mV/mA (max)
♦ ±0.4% (max) Initial Accuracy
♦ Low 75ppm/°C Temperature Coefficient
♦ 125µA (max) Quiescent Supply Current
♦ 50mV Dropout at 1mA Load Current

Applications
   Portable Battery-Powered Systems
   Notebook Computers
   PDAs, GPSs, DMMs
   Cellular Phones
   Hard-Disk Drives




Similar Part No. - MAX6101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results


Similar Description - MAX6101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
logo
Maxim Integrated Produc...
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com