Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7585A Datasheet (PDF) - Renesas Technology Corp

EL7585A Datasheet PDF - Renesas Technology Corp
Part # EL7585A
Download  EL7585A Download
File Size   1069.62 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TFT-LCD Power Supply

EL7585A Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7585A Datasheet PDF - Renesas Technology Corp

Part # EL7585A
Download  EL7585A Click to download

File Size   1069.62 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TFT-LCD Power Supply

EL7585A Datasheet (HTML) - Renesas Technology Corp


EL7585A Product details

The EL7585A represents a multiple output regulators for use in all large panel, TFT-LCD applications. It features a single boost converter with integrated 3.5A FET, two positive LDOs for VON and VLOGIC generation, and a single negative LDO for VOFF generation. The boost converter can be programmed to operate in either P-mode or PI-mode for improved load regulation.

Features
• 3.5A current limit FET options
• 3V to 5V input
• Up to 20V boost out
• 1% regulation on all outputs
• VOFF-VBOOST-VON or VBOOST-VOFF-VON sequence control
    - VLOGIC is on from start-up for EL7585A
• Programmable sequence delay
• Fully fault protected
• Thermal shutdown
• Internal soft-start
• 20 Ld QFN packages
• Pb-free plus anneal available (RoHS compliant)

Applications
• LCD monitors (15”+)
• LCD-TV (up to 40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays




Similar Part No. - EL7585A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
TFT-LCD Power Supply
September 21, 2005
EL7585A INTERSIL-EL7585A Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7585AILZ INTERSIL-EL7585AILZ Datasheet
730Kb / 18P
TFT-LCD Power Supply
September 21, 2005
EL7585AILZ INTERSIL-EL7585AILZ Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7585AILZ-T13 INTERSIL-EL7585AILZ-T13 Datasheet
730Kb / 18P
TFT-LCD Power Supply
September 21, 2005
More results


Similar Description - EL7585A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
TFT-LCD Power Supply
October 7, 2005
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
TFT-LCD Power Supply
July 1, 2005
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
TFT-LCD Power Supply
September 21, 2005
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
TFT-LCD Power Supply
January 17, 2006
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
TFT-LCD Power Supply
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
TFT-LCD Power Supply
January 17, 2006
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
TFT-LCD Power Supply
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com