Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5728 Datasheet (PDF) - Renesas Technology Corp

HI5728 Datasheet PDF - Renesas Technology Corp
Part # HI5728
Download  HI5728 Download
File Size   952.42 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter

HI5728 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5728 Datasheet PDF - Renesas Technology Corp

Part # HI5728
Download  HI5728 Click to download

File Size   952.42 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter

HI5728 Datasheet (HTML) - Renesas Technology Corp


HI5728 Product details

The HI5728 is a 10-bit, dual 125MSPS D/A converter which is implemented in an advanced CMOS process. It is designed for high speed applications where integration, bandwidth and accuracy are essential. Operating from a single +5V or +3V supply, the converter provides 20.48mA of full scale output current and includes an input data register.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 125MSPS
• Low Power . . . . . . . . . . . . . . . 330mW at 5V, 54mW at 3V
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . . . ±1 LSB
• Differential Linearity . . . . . . . . . . . . . . . . . . . . . . ±0.5 LSB
• Gain Matching (Typ). . . . . . . . . . . . . . . . . . . . . . . . . . 0.5%
• SFDR at 5MHz Output . . . . . . . . . . . . . . . . . . . . . . . 68dBc
• Single Power Supply from +5V to +3V
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
• Internal Voltage Reference
• Dual 10-Bit D/A Converters on a Monolithic Chip
• Pb-Free Available (RoHS Compliant)

Applications
• Wireless Local Loop
• Direct Digital Frequency Synthesis
• Wireless Communications
• Signal Reconstruction
• Arbitrary Waveform Generators
• Test Equipment/Instrumentation
• High Resolution Imaging Systems




Similar Part No. - HI5728

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5728/6IN INTERSIL-HI5728/6IN Datasheet
207Kb / 17P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI57286IN INTERSIL-HI57286IN Datasheet
458Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
January 22, 2010
HI57286INZ INTERSIL-HI57286INZ Datasheet
458Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
January 22, 2010
HI5728EVAL1 INTERSIL-HI5728EVAL1 Datasheet
207Kb / 17P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
More results


Similar Description - HI5728

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
93Kb / 10P
8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converter
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
January 22, 2010
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com