Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63335GA-9EU Datasheet (PDF) - NEC

UPD63335GA-9EU Datasheet PDF - NEC
Part # UPD63335GA-9EU
Download  UPD63335GA-9EU Download
File Size   91.26 Kbytes
Page   13 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUITS

UPD63335GA-9EU Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD63335GA-9EU Datasheet PDF - NEC

Part # UPD63335GA-9EU
Download  UPD63335GA-9EU Click to download

File Size   91.26 Kbytes
Page   13 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUITS

UPD63335GA-9EU Datasheet (HTML) - NEC


UPD63335GA-9EU Product details

DESCRIPTION
The µPD63335 is a stereo sound codec LSI that enables full-duplex communications and features two channels each of on-chip 16-bit ADC and DAC circuits for mutual conversion between digital signals and audio analog signals (having a maximum signal bandwidth of 20 kHz).
The analog signal input block enables four pairs of stereo signals plus three monaural signals to be output from the output stages internal mixing circuit, which can then be multiplexed and input to the ADC. One type of monaural signal can be selected from two external pins via a selector as a monaural signal connected to an internal microphone amplifier (MIC amp), with selectable gain of 0 dB or 20 dB.

FEATURES
• Two channels each of over sample ∆Σ type ADC and DAC
    • ADC SNR = 85 dB Typ.
    • DAC SNR = 90 dB Typ.
• ADC and DAC digital filter characteristics
    • Pass band ripple: ±0.1 dB (0 to 0.4 fS) for ADC and DAC
    • Stop band attenuation: −74 dB (0.6 fS) or above for ADC and DAC
• Sampling frequency (fS): 0.4 to 48 kHz
    • Division rate from master clock can be set to 3072, 1536, 768, or 512
• Analog input block includes a multiplexer and analog output block includes a mixing circuit
• Low-noise monaural MIC amp is on chip
• On-chip reference voltage power supply (1.4 V (TYP.))
• Low supply voltage operation: DVDD = 3.3 V, AVDD = 3.3 V
• Support for power down mode in each internal block
• Operating ambient temperature: −40 to +85°C

APPLICATIONS
• Speech recognition systems, including car navigation systems
• Electronic toys with speech/audio I/O functions




Similar Part No. - UPD63335GA-9EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD63335GA-9EU RENESAS-UPD63335GA-9EU Datasheet
539Kb / 58P
MOS INTEGRATED CIRCUITS
2000
More results


Similar Description - UPD63335GA-9EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9116 RENESAS-UPD78F9116 Datasheet
383Kb / 46P
MOS INTEGRATED CIRCUITS
1998
UPD78F9136 RENESAS-UPD78F9136 Datasheet
393Kb / 46P
MOS INTEGRATED CIRCUITS
1998
UPD16663 RENESAS-UPD16663 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD63315 RENESAS-UPD63315 Datasheet
433Kb / 46P
MOS INTEGRATED CIRCUITS
2000
UPD63335 RENESAS-UPD63335 Datasheet
539Kb / 58P
MOS INTEGRATED CIRCUITS
2000
UPD703032A RENESAS-UPD703032A Datasheet
513Kb / 54P
MOS INTEGRATED CIRCUITS
2000
UPD703037A RENESAS-UPD703037A Datasheet
508Kb / 54P
MOS INTEGRATED CIRCUITS
2000
UPD784935A RENESAS-UPD784935A Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
UPD789101 RENESAS-UPD789101 Datasheet
518Kb / 62P
MOS INTEGRATED CIRCUITS
1999
UPD789121 RENESAS-UPD789121 Datasheet
487Kb / 54P
MOS INTEGRATED CIRCUITS
1999
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com