Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5960 Datasheet (PDF) - Renesas Technology Corp

HI5960 Datasheet PDF - Renesas Technology Corp
Part # HI5960
Download  HI5960 Download
File Size   552.48 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-Bit, 130MSPS, High Speed D/A Converter

HI5960 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5960 Datasheet PDF - Renesas Technology Corp

Part # HI5960
Download  HI5960 Click to download

File Size   552.48 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-Bit, 130MSPS, High Speed D/A Converter

HI5960 Datasheet (HTML) - Renesas Technology Corp


HI5960 Product details

The HI5960 is a 14-bit, 130MSPS (Mega Samples Per Second), high speed, low power, D/A converter which is implemented in an advanced CMOS process. Operating from a single +3V to +5V supply, the converter provides 20mA of full scale output current and includes edgetriggered CMOS input data latches. Low glitch energy and excellent frequency domain performance are achieved using a segmented current source architecture.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 130MSPS
• Low Power (at 100MSPS) at 5V . . . . . . . . . . . . . .175mW at 3V. . . . . . . . . . . . . . . .32mW
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• Power Down Mode
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range (77dBc, fS = 50MSPS, fOUT = 2.51MHz)
• Excellent Multitone Intermodulation Distortion
• Pb-Free Available (RoHS Compliant)

Applications
• Cellular Basestations
• WLL, Basestation and Subscriber Units
• Medical/Test Instrumentation
• Wireless Communications Systems
• Direct Digital Frequency Synthesis
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - HI5960

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
1999 11
HI5960 INTERSIL-HI5960 Datasheet
297Kb / 12P
14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
March 31, 2005
HI5960 INTERSIL-HI5960 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
HI5960 INTERSIL-HI5960 Datasheet
302Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
HI5960IA INTERSIL-HI5960IA Datasheet
88Kb / 12P
14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
1999 11
More results


Similar Description - HI5960

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5741 INTERSIL-HI5741 Datasheet
159Kb / 12P
14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
HI5741 INTERSIL-HI5741_06 Datasheet
353Kb / 13P
14-Bit, 100MSPS, High Speed D/A Converter
September 20, 2006
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
12-Bit, 130MSPS, High Speed D/A Converter
May 4, 2005
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5960IB INTERSIL-HI5960IB Datasheet
302Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
logo
Renesas Technology Corp
HI5741 RENESAS-HI5741 Datasheet
771Kb / 13P
14-Bit, 100MSPS, High Speed D/A Converter
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com