Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9165-CZ Datasheet (PDF) - List of Unclassifed Manufacturers

RT9165-CZ Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9165-CZ
Download  RT9165-CZ Download
File Size   144.28 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 150MA 3- TERMINAL POSITIVE REGULATOR

RT9165-CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9165-CZ Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9165-CZ
Download  RT9165-CZ Click to download

File Size   144.28 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 150MA 3- TERMINAL POSITIVE REGULATOR

RT9165-CZ Datasheet (HTML) - List of Unclassifed Manufacturers


RT9165-CZ Product details

[Richtek]



General Description

The RT9165 is a positive low dropout regulator designed for applications requiring low dropout performance at full rated current. The device is available in fixed output voltage of 5.0V or 8.0V. The RT9165 provides excellent regulation over line, load, and temperature variations.

The other features include low dropout performance at a maximum of 1.3V at 150mA, fast transient response, internal current limiting, and thermal shutdown protection of the output devices. The RT9165 is a three-terminal regulator compatible with industrial LM78L05/L08 and available in surface mount SOT-89 package.



Features

• Low Dropout, Maximum 1.3V at 150mA

• Fast Transient Response

• ±3% Total Output Regulation

• 0.5% Line Regulation

• 0.5% Load Regulation

• SOT-89 and TO-92 Packages



Applications

• 5V or 8V Output Linear Regulator

• Consumer Equipment Power Supply



 




Similar Part No. - RT9165-CZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
RT9165-80GZ RICHTEK-RT9165-80GZ Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
RT9165-80GZ RICHTEK-RT9165-80GZ Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
RT9165-80PX RICHTEK-RT9165-80PX Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
More results


Similar Description - RT9165-CZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
LM330 NSC-LM330 Datasheet
254Kb / 5P
3-Terminal Positive Regulator
logo
Continental Device Indi...
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
GI78MXX GTM-GI78MXX Datasheet
167Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165 Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com