Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP34063A Datasheet (PDF) - Sipex Corporation

SP34063A Datasheet PDF - Sipex Corporation
Part # SP34063A
Download  SP34063A Download
File Size   114.99 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Buck/Boost/Inverting DC-DC Switching Regulator

SP34063A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP34063A Datasheet PDF - Sipex Corporation

Part # SP34063A
Download  SP34063A Click to download

File Size   114.99 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Buck/Boost/Inverting DC-DC Switching Regulator

SP34063A Datasheet (HTML) - Sipex Corporation


SP34063A Product details

DESCRIPTION

The SP34063A is a monolithic switching regulator control circuit containing the primary functions required for DC-DC converters. This device consists of an internal temperature compensated reference, voltage comparator, controlled duty cycle oscillator with active current limit circuit, driver and high current output switch. This device was specifically designed to be used in buck, boost, and Voltage-Inverting applications with a minimum number of external components. The SP34063A is available in the 8 pin NSOIC package.



FEATURES

■ Supply Voltage: 3V - 36V

■ Current Limiting

■ Output Switch Current to 1.5A

■ Adjustable Output Voltage

■ Operation frequency up to 110KHz

■ Low Quiescent Current

■ Precision 2% Reference

■ Available in 8 pin NSOIC Package



APPLICATIONS

■ Battery Charger Circuit

■ NICs/Switches/Hubs

■ ADSL Modems

■ Negative Voltage Power Supply




Similar Part No. - SP34063A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-L EXAR-SP34063AEN-L Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-TR EXAR-SP34063AEN-TR Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Similar Description - SP34063A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6297 HMSEMI-HM6297 Datasheet
484Kb / 8P
400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com