Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC863ALC4 Datasheet (PDF) - Analog Devices

HMC863ALC4 Datasheet PDF - Analog Devices
Part # HMC863ALC4
Download  HMC863ALC4 Download
File Size   915.34 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER

HMC863ALC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC863ALC4 Datasheet PDF - Analog Devices

Part # HMC863ALC4
Download  HMC863ALC4 Click to download

File Size   915.34 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER

HMC863ALC4 Datasheet (HTML) - Analog Devices


HMC863ALC4 Product details

General Description
The HMC863ALC4 is a three stage GaAs pHEMT MMIC 1/2 Watt Power Amplifier which operates between 24 and 29.5 GHz. The HMC863ALC4 provides 24 dB of gain, +28.5 dBm of saturated output power and 22.5% PAE from a +5.5V supply. High output IP3 makes the HMC863ALC4 ideal for point-topoint and point-to-multi-point radio systems as well as VSAT applications. The RF I/Os are DC blocked and matched to 50 Ohms for ease of integration into higher level assemblies. The HMC863ALC4 can be operated over a Vdd range of +4.0 to +6.0V.

Features
   High P1dB Output Power: +27 dBm
   High Psat Output Power: +28.5 dBm
   High Gain: 24 dB
   High Output IP3: +38.5 dBm
   Supply Voltage: +5.5 V @ 350 mA
   No External Matching Required
   24 Lead 4x4 mm SMT Package: 16 mm²

Typical Applications
The HMC863ALC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Military & Space




Similar Part No. - HMC863ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC863 HITTITE-HMC863 Datasheet
707Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC863 HITTITE-HMC863 Datasheet
302Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
logo
Analog Devices
HMC863 AD-HMC863 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC863LP4E HITTITE-HMC863LP4E Datasheet
961Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 22 - 26.5 GHz
More results


Similar Description - HMC863ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com