Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1001 Datasheet (PDF) - STMicroelectronics

STM1001 Datasheet PDF - STMicroelectronics
Part # STM1001
Download  STM1001 Download
File Size   185.53 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset Circuit

STM1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM1001 Datasheet PDF - STMicroelectronics

Part # STM1001
Download  STM1001 Click to download

File Size   185.53 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset Circuit

STM1001 Datasheet (HTML) - STMicroelectronics


STM1001 Product details

SUMMARY DESCRIPTION
The STM1001 MICROPROCESSOR RESET Circuit is a low-power supervisory device used to monitor power supplies. It performs a single function: asserting a reset signal whenever the VCC supply voltage drops below a preset value and keeping it asserted until VCC has risen above the preset threshold for a minimum period of time (trec).

FEATURES SUMMARY
■ PRECISION MONITORING OF 3V, 3.3V, and 5V SUPPLY VOLTAGES
■ OPEN DRAIN RST OUTPUT
■ 140ms RESET PULSE WIDTH (MIN)
■ LOW SUPPLY CURRENT - 6µA (TYP)
■ GUARANTEED RST ASSERTION DOWN TO VCC = 1.0V
■ OPERATING TEMPERATURE: –40°C to 85°C (Industrial Grade)
■ LEAD-FREE, SMALL SOT23 PACKAGE




Similar Part No. - STM1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM1001L STMICROELECTRONICS-STM1001L Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM1001LWX6F STMICROELECTRONICS-STM1001LWX6F Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM1001M STMICROELECTRONICS-STM1001M Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM1001MWX6F STMICROELECTRONICS-STM1001MWX6F Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
More results


Similar Description - STM1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com