Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP202G Datasheet (PDF) - Toshiba Semiconductor

TLP202G Datasheet PDF - Toshiba Semiconductor
Part # TLP202G
Download  TLP202G Download
File Size   131.61 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLP202G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP202G Datasheet PDF - Toshiba Semiconductor

Part # TLP202G
Download  TLP202G Click to download

File Size   131.61 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLP202G Datasheet (HTML) - Toshiba Semiconductor


TLP202G Product details

PC Card Modems
PBX
STB (Set Top Boxes)
Measurement Equipment

The Toshiba TLP202G consists of a gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in an 8-pin SOP package. This photorelay has a characteristic of high-withstanding voltage between output pins which enables TLP202G to be applied in hook relays and dial-pulse for modems and facsimiles. Moreover, the TLP202G is used for PCMCIA-compliant card modems because the maximum mounted height of SOP package is as small as 2.1 mm.

•  8-pin SOP (2.54SOP8): Height = 2.1 mm, Pitch = 2.54 mm 
•  Normally open (1-form-A) device
•  Peak Off-state voltage: 350 V (min)
•  Trigger LED current: 3 mA (max)
•  On-state current: 110 mA (max)
•  On-state resistance: 35 Ω(max, t < 1 s)
•  On-state resistance: 50 Ω(max, continuous)
•  Isolation voltage: 1500 Vrms (min)
•  UL recognized: UL1557, File No.E67349




Similar Part No. - TLP202G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G Datasheet
177Kb / 6P
Measurement Equipment
01-Oct-2007
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
Measurement Equipment
01-Oct-2007
TLP202G TOSHIBA-TLP202G_14 Datasheet
237Kb / 6P
PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
More results


Similar Description - TLP202G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
TOSHIBA Photocoupler Photorelay
08-Jan-2002
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
TOSHIBA Photocoupler Photorelay
18-Apr-2002
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
TOSHIBA Photocoupler Photorelay
2019-06-24
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
TOSHIBA Photocoupler Photorelay
2021-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com