Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP871 Datasheet (PDF) - Toshiba Semiconductor

TLP871 Datasheet PDF - Toshiba Semiconductor
Part # TLP871
Download  TLP871 Download
File Size   369.31 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTO INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR

TLP871 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP871 Datasheet PDF - Toshiba Semiconductor

Part # TLP871
Download  TLP871 Click to download

File Size   369.31 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTO INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR

TLP871 Datasheet (HTML) - Toshiba Semiconductor


TLP871 Product details

Lead Free Product
VCRS, Compact Disc Players
Copiers, Fax Machines, Printers
Vending Machines
Various Position Detection Sensors

The TLP871(F) photo−interrupter combines GaAs infrared LED with a high−sensitivity Si photodarlington transistor. The TLP871(F) exhibit a high current transfer ratio, can be driven using low input current and is best suited for use in low−power circuit.

• Small package
• TLP871(F) designed for direct mounting on
   printed circuit boards.
• Gap: 3mm
• Resolution: Slit width = 0.5mm
• High current transfer ratio: IC / IF=50%(min)
                                             at IF=1mA
• Detector impermeable to visible light
• Package material: Polycarbonate




Similar Part No. - TLP871

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP800 TOSHIBA-TLP800 Datasheet
382Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP800A TOSHIBA-TLP800A Datasheet
382Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP801A TOSHIBA-TLP801A Datasheet
248Kb / 9P
INFRARED LED PHOTOTRANSISTOR
12-Feb-2004
TLP801AF TOSHIBA-TLP801AF Datasheet
248Kb / 9P
INFRARED LED PHOTOTRANSISTOR
12-Feb-2004
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
INFRARED LEDPHOTO TRANSISTOR
More results


Similar Description - TLP871

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP800A TOSHIBA-TLP800A Datasheet
382Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
04-Apr-2002
TLP814 TOSHIBA-TLP814 Datasheet
307Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP907 TOSHIBA-TLP907 Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP818 TOSHIBA-TLP818 Datasheet
393Kb / 9P
TOSHIBA PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP507A TOSHIBA-TLP507A Datasheet
348Kb / 8P
PHOTO INTERRUPTER INFRARED LED PHOTOBARLINGTON TRANSISTOR
TLP803 TOSHIBA-TLP803 Datasheet
383Kb / 9P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP865 TOSHIBA-TLP865 Datasheet
414Kb / 10P
TOSHIBA PHOTO-INTERRUPTERS INFRARED LED PHOTODARLINGTON TRANSISTOR
04-Apr-2002
TLP853 TOSHIBA-TLP853 Datasheet
373Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR
04-Apr-2002
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
Photo-interrupter Infrared LEDPhototransistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com