Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1032F Datasheet (PDF) - Toshiba Semiconductor

TPD1032F Datasheet PDF - Toshiba Semiconductor
Part # TPD1032F
Download  TPD1032F Download
File Size   112.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit

TPD1032F Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1032F Datasheet PDF - Toshiba Semiconductor

Part # TPD1032F
Download  TPD1032F Click to download

File Size   112.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit

TPD1032F Datasheet (HTML) - Toshiba Semiconductor


TPD1032F Product details

2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive

The TPD1032F is a 2-IN-1 low-side switch.
The IC has a vertical MOSFET output which can be directly driven from a CMOS or TTL logic circuit (e.g., an MPU). The IC is equipped with intelligent self-protection functions.

Features
• Two built-in power IC chips with a new structure combining a control block and a vertical power MOSFET (L2-π-MOS) on each chip.
• Can directly drive a power load from a CMOS or TTL logic.
• Built-in protection circuits against overvoltage (active clamp), overtemperature (thermal shutdown), and overcurrent (current limiter).
• Low Drain-Source ON-resistance: RDS (ON) = 0.4 Ω (max) (@VIN = 5 V, ID = 1 A, Tch = 25°C)
• Low Leakage Current: IDSS = 10 μA (max) (@VIN = 0 V, VDS = 20 V, Tch = 25°C)
• Low Input Current: IIN = 300 μA (max) (@VIN = 5 V, Tch = -40~ 110°C)
• 8-pin SOP package for surface with embossed-tape packing.




Similar Part No. - TPD1032F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
31-Oct-2006
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
More results


Similar Description - TPD1032F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1024S TOSHIBA-TPD1024S Datasheet
193Kb / 8P
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1028BS TOSHIBA-TPD1028BS Datasheet
191Kb / 8P
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS IC
TPD1009S TOSHIBA-TPD1009S Datasheet
353Kb / 10P
THOSHIBA INTELLIGENT POWER DEVICE SILICON MONOLITHIC POWER MOS INTERGRATED CIRCUIT
21-Aug-1997
TPD7104AF TOSHIBA-TPD7104AF Datasheet
777Kb / 15P
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2016-05-19
TPD7106F TOSHIBA-TPD7106F Datasheet
635Kb / 22P
TOSHIBA Intelligent Power Device Silicon Power MOS Integrated Circuit
2020-01-16
TPD7107F TOSHIBA-TPD7107F Datasheet
1Mb / 34P
TOSHIBA Intelligent Power Device Silicon Power MOS Integrated Circuit
2022- 11-16
TPD7212FN TOSHIBA-TPD7212FN Datasheet
884Kb / 24P
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020- 07-03
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
TPD2015FN TOSHIBA-TPD2015FN Datasheet
899Kb / 17P
Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
2022- 03-15
TPD2017FN TOSHIBA-TPD2017FN Datasheet
1Mb / 17P
Toshiba Intelligent Power Device Silicon Monolithic MOS Integrated Circuit
2022-03-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com