Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL24010 Datasheet (PDF) - Renesas Technology Corp

ISL24010 Datasheet PDF - Renesas Technology Corp
Part # ISL24010
Download  ISL24010 Download
File Size   501.45 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver

ISL24010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL24010 Datasheet PDF - Renesas Technology Corp

Part # ISL24010
Download  ISL24010 Click to download

File Size   501.45 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver

ISL24010 Datasheet (HTML) - Renesas Technology Corp


ISL24010 Product details

Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver

The ISL24010 is a high voltage TFT-LCD logic driver with a +40V and -20V (momentary absolute max) output voltage swing capability. It is manufactured using the Intersil’s proprietary monolithic high voltage bipolar process and is capable of driving a 3000pF load in 500ns.

Features
• 0V to 5.5V (absolute max) Input Voltage Range
• +40V and -20V (momentary absolute max) Output Voltage Range
• 10mA Output Continuous Current (all 8 channels)
• 25mA Output Peak Current (all 8 channels)
• Rise/Fall Times 150ns/210ns
• Propagation Delay 250ns
• 50kHz Input Logic Frequency
• 20 Ld TSSOP Pb-Free Plus Anneal (RoHS Compliant)

Applications
• TFT-LCD panels




Similar Part No. - ISL24010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
High Voltage TFT-LCD Logic Driver
November 4, 2005
ISL24010IVZ INTERSIL-ISL24010IVZ Datasheet
288Kb / 9P
High Voltage TFT-LCD Logic Driver
November 4, 2005
ISL24010IVZ-T INTERSIL-ISL24010IVZ-T Datasheet
288Kb / 9P
High Voltage TFT-LCD Logic Driver
November 4, 2005
More results


Similar Description - ISL24010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
High Voltage TFT-LCD Logic Driver
July 28, 2005
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
High Voltage TFT-LCD Logic Driver
October 21, 2005
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
logo
Intersil Corporation
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
High Voltage TFT-LCD Logic Driver
November 4, 2005
ISL24011 INTERSIL-ISL24011_06 Datasheet
286Kb / 9P
High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
logo
Intersil Corporation
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
High Voltage TFT-LCD Logic Driver
February 20, 2008
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com