Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85402IRZ Datasheet (PDF) - Renesas Technology Corp

ISL85402IRZ Datasheet PDF - Renesas Technology Corp
Part # ISL85402IRZ
Download  ISL85402IRZ Download
File Size   1739.51 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter

ISL85402IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85402IRZ Datasheet PDF - Renesas Technology Corp

Part # ISL85402IRZ
Download  ISL85402IRZ Click to download

File Size   1739.51 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter

ISL85402IRZ Datasheet (HTML) - Renesas Technology Corp


ISL85402IRZ Product details

2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter

The ISL85402 is a synchronous buck controller with a 125mΩ high-side MOSFET and low-side driver integrated. The ISL85402 supports a wide input range of 3V to 36V in buck mode. It supports 2.5A continuous load under conditions of 5V VOUT, VIN range of 8V to 36V, 500kHz and +105°C ambient temperature with still air. For any specific application, the actual maximum output current depends upon the die temperature not exceeding +125°C with the power dissipated in the IC, which is related to input voltage, output voltage, duty cycle, switching frequency, board layout and ambient temperature, etc. Refer to “Output Current” on page 14 for more details.

Features
• Buck Mode: Input Voltage Range 3V to 36V (Refer to “Input Voltage” on page 13 for more details)
• Boost Mode Expands Operating Input Voltage Lower Than 2.5V (Refer to “Input Voltage” on page 13 for more details)
• Selectable Forced PWM Mode or PFM Mode
• 300µA IC Quiescent Current (PFM, No Load); 180µA Input Quiescent Current (PFM, No Load, VOUT Connected to AUXVCC)
• Less than 3µA Shut Down Input Current (IC Disabled)
• Operational Topologies
    - Synchronous Buck
    - Non-Synchronous Buck
    - Two-Stage Boost Buck
• Programmable Frequency from 200kHz to 2.2MHz and Frequency Synchronization Capability
• ±1% Tight Voltage Regulation Accuracy
• Reliable Overcurrent Protection
    - Temperature Compensated Current Sense
    - Cycle-by-Cycle Current Limiting with Frequency Foldback
    - Hiccup Mode for Worst Case Short Condition
• 20 Ld 4x4 QFN Package
• Pb-Free (RoHS Compliant)

Applications
• General Purpose
• 24V Bus Power
• Battery Power
• Point of Load
• Embedded Processor and I/O Supplies




Similar Part No. - ISL85402IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85402IRZ INTERSIL-ISL85402IRZ Datasheet
901Kb / 18P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 29, 2011
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
April 25, 2013
More results


Similar Description - ISL85402IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 22, 2011
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 29, 2011
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
April 25, 2013
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com