Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG103 Datasheet (PDF) - WJ Communication. Inc.

AG103 Datasheet PDF - WJ Communication. Inc.
Part # AG103
Download  AG103 Download
File Size   167.6 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Gain Block

AG103 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG103 Datasheet PDF - WJ Communication. Inc.

Part # AG103
Download  AG103 Click to download

File Size   167.6 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Gain Block

AG103 Datasheet (HTML) - WJ Communication. Inc.


AG103 Product details

Product Description
The AG103 is a general-purpose gain block that offers good dynamic range and low noise figure in a low-cost surfacemount package. The combination of high OIP3 and tight gain variation window makes it attractive for a multitude of applications. The device combines dependable performance with superb quality to maintain MTTF values exceeding 1000 years at mounting temperatures of +85 qC and is available in the environmentally-friendly lead-free/green /RoHS-compliant SOT-89 package. All devices are 100% RF & DC tested.

Product Features
• 50 – 870 MHz
• 13 dB Gain
• 3 dB Noise Figure
• >+36 dBm OIP3
• +20 dBm P1dB
• Single +5 Bias Supply
• Internally matched to 50 :
• Lead-free/Green/RoHScompliant SOT-89 Package
• MTTF > 1000 years

Applications
• Mobile Infrastructure
• CATV / DBS
• Defense / Homeland Security
• NMT-450 Infrastructure




Similar Part No. - AG103

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG103 WJCI-AG103 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
Intelligent Sealed Lead Acid Solar Battery Charger
logo
WJ Communication. Inc.
AG103-G WJCI-AG103-G Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AG103-PCB WJCI-AG103-PCB Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
More results


Similar Description - AG103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG102 WJCI-AG102 Datasheet
399Kb / 6P
High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
WJ Communication. Inc.
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com