Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C84A Datasheet (PDF) - Renesas Technology Corp

82C84A Datasheet PDF - Renesas Technology Corp
Part # 82C84A
Download  82C84A Download
File Size   596.52 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Clock Generator Driver

82C84A Datasheet (PDF)

Go To PDF Page Download Datasheet
82C84A Datasheet PDF - Renesas Technology Corp

Part # 82C84A
Download  82C84A Click to download

File Size   596.52 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Clock Generator Driver

82C84A Datasheet (HTML) - Renesas Technology Corp


82C84A Product details

CMOS Clock Generator Driver

The Intersil 82C84A is a high performance CMOS Clock Generator-driver which is designed to service the requirements of both CMOS and NMOS microprocessors such as the 80C86, 80C88, 8086 and the 8088. The chip contains a crystal controlled oscillator, a divide-by-three counter and complete “Ready” synchronization and reset logic.

Features
• Generates the System Clock For CMOS or NMOS Microprocessors
• Up to 25MHz Operation
• Uses a Parallel Mode Crystal Circuit or External Frequency Source
• Provides Ready Synchronization
• Generates System Reset Output From Schmitt Trigger Input
• TTL Compatible Inputs/Outputs
• Very Low Power Consumption
• Single 5V Power Supply
• Operating Temperature Ranges
    - C82C84A . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
    - I82C84A . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
    - M82C84A . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C84A INTERSIL-82C84A Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
More results


Similar Description - 82C84A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com