Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBT3821 Datasheet (PDF) - Renesas Technology Corp

BBT3821 Datasheet PDF - Renesas Technology Corp
Part # BBT3821
Download  BBT3821 Download
File Size   2569.34 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal 2.488Gbps to 3.187Gbps/Lane Retimer

BBT3821 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBT3821 Datasheet PDF - Renesas Technology Corp

Part # BBT3821
Download  BBT3821 Click to download

File Size   2569.34 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal 2.488Gbps to 3.187Gbps/Lane Retimer

BBT3821 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - BBT3821

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BBT3821 INTERSIL-BBT3821 Datasheet
1Mb / 75P
Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
July 20, 2005
BBT3821-JH INTERSIL-BBT3821-JH Datasheet
1Mb / 75P
Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
July 20, 2005
BBT3821LP-JH INTERSIL-BBT3821LP-JH Datasheet
1Mb / 75P
Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
July 20, 2005
More results


Similar Description - BBT3821

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BBT3821 INTERSIL-BBT3821 Datasheet
1Mb / 75P
Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
July 20, 2005
ISL35822 INTERSIL-ISL35822 Datasheet
1Mb / 75P
Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
June 29, 2005
logo
Texas Instruments
DS100TB211 TI1-DS100TB211 Datasheet
310Kb / 5P
Low Power, Dual Lane Thunderbolt Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
9.8 to 12.5 Gbps 16-Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
12.5 to 15 Gbps 16-Channel Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
logo
Renesas Technology Corp
ISL35822 RENESAS-ISL35822 Datasheet
2Mb / 75P
Octal 2.488Gbps to 3.187Gbps/Lane Retimer
logo
Texas Instruments
DS160PT801 TI-DS160PT801 Datasheet
963Kb / 9P
DS160PT801 PCIe짰 4.0, 16Gbps, 8-Lane (16-Channel) Retimer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com