Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA5260A Datasheet (PDF) - Renesas Technology Corp

CA5260A Datasheet PDF - Renesas Technology Corp
Part # CA5260A
Download  CA5260A Download
File Size   615.64 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5260A Datasheet (PDF)

Go To PDF Page Download Datasheet
CA5260A Datasheet PDF - Renesas Technology Corp

Part # CA5260A
Download  CA5260A Click to download

File Size   615.64 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5260A Datasheet (HTML) - Renesas Technology Corp


CA5260A Product details

3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

The CA5260A and CA5260 are integrated-circuit operational amplifiers that combine the advantage of both CMOS and bipolar transistors on a monolithic chip. The CA5260 series circuits are dual versions of the popular CA5160 series. They are designed and guaranteed to operate in microprocessor or logic systems that use +5V supplies.

Features
• MOSFET Input Stage provides
    - Very High ZI . . . . . . . . . . . . . 1.5T (1.5 x 1012) (Typ)
    - Very Low II . . . . . . . . . . . . . 5pA (Typ) at 15V Operation
                                                   2pA (Typ) at 5V Operation
• Ideal for Single Supply Applications
• Common Mode Input Voltage Range Includes  Negative Supply Rail; Input Terminals Can be  Swung 0.5V Below Negative Supply Rail
• CMOS Output Stage Permits Signal Swing to Either (or Both) Supply Rails
• CA5260A, CA5260 Have Full Military Temperature Range Guaranteed Specifications for V+ = 5V
• CA5260A, CA5260 are Guaranteed to Operate Down to 4.5V for AOL
• Fully Guaranteed to Operate from -55°C to +125°C at V+ = 5V, V- = GND
• Pb-Free Available (RoHS Compliant)

Applications
• Ground Referenced Single Supply Amplifiers
• Fast Sample-Hold Amplifiers
• Long Duration Timers/Monostables
• Ideal Interface with Digital CMOS
• High Input Impedance Wideband Amplifiers
• Voltage Followers (e.g., Follower for Single Supply D/A Converter)
• Voltage Regulators (Permits Control of Output Voltage Down to 0V)
• Wien Bridge Oscillators
• Voltage Controlled Oscillators
• Photo Diode Sensor Amplifiers
• 5V Logic Systems
• Microprocessor Interface




Similar Part No. - CA5260A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260A INTERSIL-CA5260A Datasheet
218Kb / 6P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
December 23, 2005
CA5260AM96 INTERSIL-CA5260AM96 Datasheet
218Kb / 6P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
December 23, 2005
CA5260AM96 INTERSIL-CA5260AM96 Datasheet
471Kb / 7P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results


Similar Description - CA5260A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
June 2004
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
May 2003
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
December 23, 2005
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com