Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-45157 Datasheet (PDF) - Renesas Technology Corp

D2-45157 Datasheet PDF - Renesas Technology Corp
Part # D2-45157
Download  D2-45157 Download
File Size   1307.13 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent Digital Amplifier PWM Controller and Audio Processor

D2-45157 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-45157 Datasheet PDF - Renesas Technology Corp

Part # D2-45157
Download  D2-45157 Click to download

File Size   1307.13 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent Digital Amplifier PWM Controller and Audio Processor

D2-45157 Datasheet (HTML) - Renesas Technology Corp


D2-45157 Product details

Intelligent Digital Amplifier PWM Controller and Audio Processor

The D2-45057 and D2-45157 devices are complete System-on-Chip (SoC) Class-D digital audio amplifiers. Combining high performance integrated Power Stages along with an optimized Audio Processor feature set and PWM Controller, these devices offer a complete, powerful, and very cost effective audio solution for high volume and cost-critical products.

Features
• All Digital Class-D Amplifier and Controller with Integrated Digital Signal Processing (DSP)
• Four Integrated Power Stages Supporting
   - 2 Channels, Bridged
   - 4 Channels, Half-Bridge
   - 2 Channels, Half-Bridge, plus 1 Channel Bridged
• Output Power (Bridged)
   - 25W (8Ω,<1% THD); 30W (8Ω,<10% THD)
• Fully Programmable Digital Signal Processing (DSP)
   - Up to 5 Programmable Audio Signal Path Channels
   - Programmable Equalizers, Filters, Mixers, Limiters
• Includes D2Audio™ SoundSuite™ and DTS®(SRS) WOW/HD™ Audio Enhancement Algorithms
• I2S and S/PDIF™ Digital Audio Inputs
• Asynchronous Sample Rate Converters; Sample Rates from 32kHz up to 192kHz
• Wide 9V to 26V Power Stage HV Supply Range, plus Internally-Generated Gate Drive Supply
• Temperature and Undervoltage Monitoring and Individual Channel Protection

Applications
• PC/Multimedia Speakers
• Digital TV Audio Systems
• Portable Device Docking Stations
• Powered Speaker Systems




Similar Part No. - D2-45157

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-45157 INTERSIL-D2-45157 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-45157 INTERSIL-D2-45157 Datasheet
415Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-45157-QR INTERSIL-D2-45157-QR Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-45157-QR INTERSIL-D2-45157-QR Datasheet
415Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-45157-QR-T INTERSIL-D2-45157-QR-T Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
More results


Similar Description - D2-45157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
Intelligent Digital Amplifier PWM Controller and Audio Processor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com