Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2142CSZ Datasheet (PDF) - Renesas Technology Corp

EL2142CSZ Datasheet PDF - Renesas Technology Corp
Part # EL2142CSZ
Download  EL2142CSZ Download
File Size   454.65 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential Line Receiver

EL2142CSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2142CSZ Datasheet PDF - Renesas Technology Corp

Part # EL2142CSZ
Download  EL2142CSZ Click to download

File Size   454.65 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential Line Receiver

EL2142CSZ Datasheet (HTML) - Renesas Technology Corp


EL2142CSZ Product details

The EL2142 is a very high bandwidth amplifier designed to extract the difference signal from noisy environments, and is thus primarily targeted for applications such as receiving signals from twisted pair lines, or any application where common mode noise injection is likely to occur.

Features
• Differential input range ±2.3V
• 150MHz 3dB bandwidth
• 400V/µs slewrate
• ±5V supplies or single supply
• 50mA minimum output current
• Output swing (100Ω load) to within 1.5V of supplies
• Low power-11mA typical supply current
• Pb-free available (RoHS compliant)

Applications
• Twisted pair receiver
• Differential line receiver
• VGA over twisted pair
• ADSL/HDSL receiver
• Differential to single ended amplification.
• Reception of analog signals in a noisy environment.




Similar Part No. - EL2142CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2142CSZ INTERSIL-EL2142CSZ Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
EL2142CSZ-T7 INTERSIL-EL2142CSZ-T7 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
EL2142CSZT13 INTERSIL-EL2142CSZT13 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
More results


Similar Description - EL2142CSZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
Hex Differential Line Receiver
March, 2000 ??Rev. 3
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
logo
Intersil Corporation
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
Differential line receiver.
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
IK Semicon Co., Ltd
IL34C86 IKSEMICON-IL34C86 Datasheet
144Kb / 6P
Differential line receiver
logo
Texas Instruments
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com