Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17C002 Datasheet (PDF) - ATMEL Corporation

AT17C002 Datasheet PDF - ATMEL Corporation
Part # AT17C002
Download  AT17C002 Download
File Size   255.69 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration EEPROM Memory

AT17C002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT17C002 Datasheet PDF - ATMEL Corporation

Part # AT17C002
Download  AT17C002 Click to download

File Size   255.69 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration EEPROM Memory

AT17C002 Datasheet (HTML) - ATMEL Corporation


AT17C002 Product details

Description
The AT17C002 and AT17LV002 (high-density AT17 Series) FPGA Configuration EEPROMs (Configurators) provide an easy-to-use, cost-effective configuration memory for programming Field Programmable Gate Arrays. The AT17 Series is packaged in the popular 8-lead LAP, 20-lead PLCC, 44-lead PLCC and the 44-lead TQFP. The AT17 Series family uses a simple serial-access procedure to configure one or more FPGA devices. The user can select the polarity of the reset function by programming four EEPROM bytes. These devices support a write protection mode and a systemfriendly READY pin, which signifies a “good” power level to the FPGA and can be used to ensure reliable system power-up.

Features
• EE Reprogrammable 2,097,152 x 1-bit Serial Memories Designed to Store Configuration Programs for Field Programmable Gate Arrays (FPGAs)
• In-System Programmable via 2-wire Bus
• Simple Interface to SRAM FPGAs
• Compatible with Atmel AT6000, AT40K and AT94K Devices, Altera FLEX®, APEX™ Devices, Lucent ORCA® FPGAs, Xilinx XC3000™, XC4000™, XC5200™, Spartan®, Virtex™ FPGAs
• Cascadable Read Back to Support Additional Configurators or Higher-density Arrays
• Low-power CMOS EEPROM Process
• Programmable Reset Polarity
• Available in 6 mm x 6 mm x 1 mm 8-lead LAP (Pin-compatible with 8-lead SOIC/VOIC Packages), 20-lead PLCC, 44-lead PLCC and 44-lead TQFP Packages (Pin-compatible Across Product Family)
• Emulation of Atmel’s AT24CXXX Serial EEPROMs
• Available in 3.3V ± 10% LV and 5V ± 5% C Versions
• System-friendly READY Pin
• Low-power Standby Mode
• Replacement for AT17C/LV020




Similar Part No. - AT17C002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
AT17C002A-10JC ATMEL-AT17C002A-10JC Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
AT17C002A-10JI ATMEL-AT17C002A-10JI Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
AT17C002A-10QC ATMEL-AT17C002A-10QC Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
AT17C002A-10QI ATMEL-AT17C002A-10QI Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
More results


Similar Description - AT17C002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
2-megabit FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
FPGA Configuration EEPROM Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
FPGA Configuration EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com