Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5111T Datasheet (PDF) - Renesas Technology Corp

EL5111T Datasheet PDF - Renesas Technology Corp
Part # EL5111T
Download  EL5111T Download
File Size   689.8 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60MHz Rail-to-Rail Input-Output Operational Amplifier

EL5111T Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5111T Datasheet PDF - Renesas Technology Corp

Part # EL5111T
Download  EL5111T Click to download

File Size   689.8 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60MHz Rail-to-Rail Input-Output Operational Amplifier

EL5111T Datasheet (HTML) - Renesas Technology Corp


EL5111T Product details

60MHz Rail-to-Rail Input-Output Operational Amplifier

The EL5111T is a high voltage rail-to-rail input-output amplifier with low power consumption. The EL5111T is a single amplifier which exhibits beyond the rail input capability, rail-to-rail output capability, and is unity gain stable.
The maximum operating voltage range is from 4.5V to 19V. It can be configured for single or dual supply operation, and typically consumes only 3mA. The EL5111T has an output short circuit capability of ±300mA and a continuous output current capability of ±70mA.

Features
• 60MHz (-3dB) Bandwidth
• 4.5V to 19V Maximum Supply Voltage Range
• 100V/µs Slew Rate
• 3mA Supply Current
• ±70mA Continuous Output Current
• ±300mA Output Short Circuit Current
• Unity-gain Stable
• Beyond the Rails Input Capability
• Rail-to-rail Output Swing
• Built-in Thermal Protection
• -40°C to +85°C Ambient Temperature Range
• Pb-Free (RoHS Compliant)

Applications*(see page 13)
• TFT-LCD Panels
• VCOM Amplifiers
• Static Gamma Buffers
• Drivers for A/D Converters
• Data Acquisition
• Video Processing
• Audio Processing
• Active Filters
• Test Equipment
• Battery-powered Applications
• Portable Equipment




Similar Part No. - EL5111T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5111T INTERSIL-EL5111T Datasheet
355Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
358Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5111TIWTZ-T7A INTERSIL-EL5111TIWTZ-T7A Datasheet
358Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
More results


Similar Description - EL5111T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
October 8, 2009
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
60MHz, Rail-to-Rail Output
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com