Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5130 Datasheet (PDF) - Renesas Technology Corp

EL5130 Datasheet PDF - Renesas Technology Corp
Part # EL5130
Download  EL5130 Download
File Size   674.12 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 300MHz Low Noise Amplifiers

EL5130 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5130 Datasheet PDF - Renesas Technology Corp

Part # EL5130
Download  EL5130 Click to download

File Size   674.12 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 300MHz Low Noise Amplifiers

EL5130 Datasheet (HTML) - Renesas Technology Corp


EL5130 Product details

300MHz Low Noise Amplifiers

The EL5130 and EL5131 are ultra-low voltage noise, high speed voltage feedback amplifiers that are ideal for applications requiring low voltage noise, including communications and imaging. These devices offer extremely low power consumption for exceptional noise performance. Stable at gains as low as 5, these devices offer 100mA of drive performance. Not only do these devices find perfect application in high gain applications, they maintain their performance down to lower gain settings.

Features
• 300MHz -3dB bandwidth
• Ultra low noise = 1.8nV/√Hz
• 350V/µs slew rate
• Low supply current = 4mA
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±6V
• Fast disable on the EL5130
• Low cost
• Pb-free plus anneal available (RoHS compliant)

Applications
• Imaging
• Instrumentation
• Communications devices




Similar Part No. - EL5130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130 Datasheet
250Kb / 7P
500MHz Low Noise Amplifiers
October 25, 2004
EL5130 INTERSIL-EL5130 Datasheet
342Kb / 12P
300MHz Low Noise Amplifiers
June 6, 2006
EL5130 INTERSIL-EL5130 Datasheet
320Kb / 12P
300MHz Low Noise Amplifiers
May 4, 2007
EL5130IS INTERSIL-EL5130IS Datasheet
250Kb / 7P
500MHz Low Noise Amplifiers
October 25, 2004
EL5130IS INTERSIL-EL5130IS Datasheet
342Kb / 12P
300MHz Low Noise Amplifiers
June 6, 2006
More results


Similar Description - EL5130

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
Very Low Phase Noise 300MHz 첨10/11
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
300MHz LOW NOISE AMPLIFIER
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
357Kb / 14P
300MHz Amplifiers
February 17, 2005
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
300MHz Low Noise Amplifiers
June 6, 2006
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
300MHz Low Noise Amplifiers
May 4, 2007
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com