Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-SMSIM Datasheet (PDF) - ATMEL Corporation

AT89C51ED2-SMSIM Datasheet PDF - ATMEL Corporation
Part # AT89C51ED2-SMSIM
Download  AT89C51ED2-SMSIM Download
File Size   1706.66 Kbytes
Page   137 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Flash Microcontroller

AT89C51ED2-SMSIM Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89C51ED2-SMSIM Datasheet PDF - ATMEL Corporation

Part # AT89C51ED2-SMSIM
Download  AT89C51ED2-SMSIM Click to download

File Size   1706.66 Kbytes
Page   137 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Flash Microcontroller

AT89C51ED2-SMSIM Datasheet (HTML) - ATMEL Corporation


AT89C51ED2-SMSIM Product details

Description
AT89C51RD2/ED2 is high performance CMOS Flash version of the 80C51 CMOS single chip 8-bit microcontroller. It contains a 64-Kbyte Flash memory block for code and for data.
The 64-Kbytes Flash memory can be programmed eitherin parallel mode or in serial mode with the ISP capability or with software. The programming voltage is internally generated from the standard VCC pin.
The AT89C51RD2/ED2 retains all of the features of the Atmel 80C52 with 256 bytes of internal RAM, a 9-source 4-level interrupt controller and three timer/counters. The AT89C51ED2 provides 2048 bytes of EEPROM for nonvolatile data storage.

Features
• 80C52 Compatible
   – 8051 Instruction Compatible
   – Six 8-bit I/O Ports (64 Pins or 68 Pins Versions)
   – Four 8-bit I/O Ports (44 Pins Version)
   – Three 16-bit Timer/Counters
   – 256 Bytes Scratch Pad RAM
   – 9 Interrupt Sources with 4 Priority Levels
• Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
• ISP (In-System Programming) Using Standard VCC Power Supply
• 2048 Bytes Boot ROM Contains Low Level Flash Programming Routines and a Default Serial Loader
• High-speed Architecture
   – In Standard Mode:
• 40 MHz (Vcc 2.7V to 5.5V, both Internal and external code execution)
• 60 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
   – In X2 mode (6 Clocks/machine cycle)
• 20 MHz (Vcc 2.7V to 5.5V, both Internal and external code execution)
• 30 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
• 64K Bytes On-chip Flash Program/Data Memory
   – Byte and Page (128 Bytes) Erase and Write
   – 100k Write Cycles
• On-chip 1792 bytes Expanded RAM (XRAM)
   – Software Selectable Size (0, 256, 512, 768, 1024, 1792 Bytes)
   – 768 Bytes Selected at Reset for T89C51RD2 Compatibility
• On-chip 2048 Bytes EEPROM Block for Data Storage (AT89C51ED2 Only)
• 100K Write Cycles
• Dual Data Pointer
• Variable Length MOVX for Slow RAM/Peripherals
• Improved X2 Mode with Independent Selection for CPUand Each Peripheral
• Keyboard Interrupt Interface on Port 1
• SPI Interface (Master/Slave Mode)
• 8-bit Clock Prescaler
• 16-bit Programmable Counter Array
   – High Speed Output
   – Compare/Capture
   – Pulse Width Modulator
   – Watchdog Timer Capabilities
• Asynchronous Port Reset
• Full-duplex Enhanced UART with Dedicated Internal Baud Rate Generator
• Low EMI (Inhibit ALE)
• Hardware Watchdog Timer (One-time Enabled with Reset-Out), Power-off Flag
• Power Control Modes: Idle Mode, Power-down Mode
• Single Range Power Supply: 2.7V to 5.5V
• Industrial Temperature Range (-40 to +85°C)
• Packages: PLCC44, VQFP44, PLCC68, VQFP64




Similar Part No. - AT89C51ED2-SMSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ED2-SMSIM ATMEL-AT89C51ED2-SMSIM Datasheet
1Mb / 24P
8-bit Flash Microcontroller
More results


Similar Description - AT89C51ED2-SMSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
FLASH 8-bit C51 Microcontroller
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
logo
ATMEL Corporation
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
8-bit Flash Microcontroller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com