Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5156 Datasheet (PDF) - Renesas Technology Corp

EL5156 Datasheet PDF - Renesas Technology Corp
Part # EL5156
Download  EL5156 Download
File Size   855.43 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description <1mV Voltage Offset, 600MHz Amplifiers

EL5156 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5156 Datasheet PDF - Renesas Technology Corp

Part # EL5156
Download  EL5156 Click to download

File Size   855.43 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description <1mV Voltage Offset, 600MHz Amplifiers

EL5156 Datasheet (HTML) - Renesas Technology Corp


EL5156 Product details

<1mV Voltage Offset, 600MHz Amplifiers

The EL5156, EL5157, EL5256, and EL5257 are 600MHz bandwidth -3dB voltage mode feedback amplifiers with DC accuracy of <0.01%, 1mV offsets and 40kV/V open loop gains. These amplifiers are ideally suited for applications ranging from precision measurement instrumentation to high speed video and monitor applications demanding the very highest linearity at very high frequency. Capable of operating with as little as 6.0mA of current from a single supply ranging from 5V to 12V and dual supplies ranging from ±2.5V to ±5.0V, these amplifiers are also well suited for handheld, portable and battery-powered equipment. With their capability to output as much as 140mA, any member of this family is comfortable with demanding load conditions.

Features
• 600MHz -3dB bandwidth, 240MHz 0.1dB bandwidth
• 700V/µs slew rate
• <1mV input offset
• Very high open loop gains 92dB
• Low supply current = 6mA
• 140mA output current
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±5V
• Fast disable on the EL5156 and EL5256
• Low cost
• Pb-free available (RoHS compliant)

Applications
• Imaging
• Instrumentation
• Video
• Communications devices




Similar Part No. - EL5156

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5156 INTERSIL-EL5156 Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
1mV Voltage Offset, 600MHz Amplifiers
EL5156IS INTERSIL-EL5156IS Datasheet
423Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
June 15, 2006
EL5156IS INTERSIL-EL5156IS Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
EL5156IS INTERSIL-EL5156IS Datasheet
499Kb / 17P
1mV Voltage Offset, 600MHz Amplifiers
More results


Similar Description - EL5156

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
600MHz Multiplexing Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
June 15, 2006
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
1mV Voltage Offset, 600MHz Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com