Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5175IS Datasheet (PDF) - Renesas Technology Corp

EL5175IS Datasheet PDF - Renesas Technology Corp
Part # EL5175IS
Download  EL5175IS Download
File Size   753.55 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 550MHz Differential Line Receivers

EL5175IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5175IS Datasheet PDF - Renesas Technology Corp

Part # EL5175IS
Download  EL5175IS Click to download

File Size   753.55 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 550MHz Differential Line Receivers

EL5175IS Datasheet (HTML) - Renesas Technology Corp


EL5175IS Product details

The EL5175 and EL5375 are single and triple high bandwidth amplifiers designed to extract the difference signal from noisy environments. They are primarily targeted for applications such as receiving signals from twisted-pair lines or any application where common mode noise injection is likely to occur.

Features
• Differential input range ±2.3V
• 550MHz 3dB bandwidth
• 900V/µs slew rate
• 60mA maximum output current
• Single 5V or dual ±5V supplies
• Low power, 9.6mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair receivers
• Differential line receivers
• VGA over twisted-pair
• Differential to single-ended amplification
• Reception of analog signals in a noisy environment




Similar Part No. - EL5175IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175IS INTERSIL-EL5175IS Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
EL5175IS INTERSIL-EL5175IS Datasheet
441Kb / 15P
550MHz Differential Line Receivers
August 25, 2010
EL5175IS-T13 INTERSIL-EL5175IS-T13 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
EL5175IS-T7 INTERSIL-EL5175IS-T7 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
EL5175ISZ INTERSIL-EL5175ISZ Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
More results


Similar Description - EL5175IS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175 Datasheet
441Kb / 15P
550MHz Differential Line Receivers
August 25, 2010
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com