Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC409LP4E Datasheet (PDF) - Analog Devices

HMC409LP4E Datasheet PDF - Analog Devices
Part # HMC409LP4E
Download  HMC409LP4E Download
File Size   1318.65 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs InGaP HBT 1 WATT POWER AMPLIFIER,

HMC409LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC409LP4E Datasheet PDF - Analog Devices

Part # HMC409LP4E
Download  HMC409LP4E Click to download

File Size   1318.65 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs InGaP HBT 1 WATT POWER AMPLIFIER,

HMC409LP4E Datasheet (HTML) - Analog Devices


HMC409LP4E Product details

General Description
The HmC409lp4e are high efficiency GaAs inGap HBT mmiC power amplifiers operating from 3.3 to 3.8 GHz. The amplifier is packaged in a low cost, leadless smT package. Utilizing a minimum of external components the amplifier provides 31 dB of gain and +32.5 dBm of saturated power from a +5V supply voltage. The power control (Vpd) can be used for full power down or rf output power/current control. for +22 dBm ofDm output power (64 QAm, 54 mbps), the HmC409lp4e achieve an error vector magnitude (eVm) of 2%, meeting wimAX 802.16 linearity requirements.

Features
   Gain: 31 dB
   40% pAe @ +32.5 dBm pout
   2% eVm @ pout = +22 dBm
      with 54mbps ofDm signal
   +46 dBm output ip3
   integrated power Control (Vpd)
   single +5V supply

Typical Applications
This amplifier is ideal for use as a power
amplifier for 3.3 - 3.8 GHz applications:
• wimAX 802.16
• fixed wireless Access
• wireless local loop




Similar Part No. - HMC409LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC409LP4E HITTITE-HMC409LP4E Datasheet
1,019Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4E HITTITE-HMC409LP4E Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
More results


Similar Description - HMC409LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com