Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97632 Datasheet (PDF) - Renesas Technology Corp

ISL97632 Datasheet PDF - Renesas Technology Corp
Part # ISL97632
Download  ISL97632 Download
File Size   508.56 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LED Driver with 1-Wire Dimming

ISL97632 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97632 Datasheet PDF - Renesas Technology Corp

Part # ISL97632
Download  ISL97632 Click to download

File Size   508.56 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LED Driver with 1-Wire Dimming

ISL97632 Datasheet (HTML) - Renesas Technology Corp


ISL97632 Product details

LED Driver with 1-Wire Dimming

The ISL97632 represents an efficient and highly integrated PWM boost LED driver that is suitable for 1.8” to 3.5” LCDs that employ 2 to 7 white LEDs for backlighting. With integrated Schottky diode, OVP, and dynamic digital dimming capability, the ISL97632 provides a simple, reliable, and flexible solution to the backlight designers.

Features
• 1-Wire 5-Bit Digital Dimming
• Drives Up to 7 LEDs in Series (3.5V/20mA type)
• OVP (14V, 18V and 26V for 3, 4, and 7 LEDs applications)
• Integrated Schottky Diode
• 2.4V to 5.5V input
• 86% Efficiency
• 1.4MHz Switching Frequency Allows Small LC
• Enable for Shutdown Function or Zero Brightness Setting
• 1µA Shutdown Current
• Internally Compensated
• 8 Ld TDFN (2mmx3mm)
• Pb-Free (RoHS Compliant)

Applications
• LED backlighting for
    - Cell phones
    - Smartphones
    - MP3
    - PMP
    - Automotive Navigation Panel
    - Portable GPS




Similar Part No. - ISL97632

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632 Datasheet
175Kb / 9P
White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632 Datasheet
175Kb / 9P
LED Driver with 1-Wire Dimming
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
184Kb / 9P
White LED Driver with Digital Dimming
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
175Kb / 9P
White LED Driver with Digital Dimming
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
184Kb / 9P
White LED Driver with Digital Dimming
More results


Similar Description - ISL97632

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
White LED Driver with Digital Dimming
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
Linear Technology
LT3492 LINER-LT3492 Datasheet
335Kb / 20P
Triple Output LED Driver with 3000:1 PWM Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
LED Driver with 1-Wire Dimming
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
Triple Output LED Driver with 3000:1 PWM Dimming
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com