Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3088 Datasheet (PDF) - List of Unclassifed Manufacturers

C3088 Datasheet PDF - List of Unclassifed Manufacturers
Part # C3088
Download  C3088 Download
File Size   37.9 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1/4 Color Camera Module With Digital Output

C3088 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3088 Datasheet PDF - List of Unclassifed Manufacturers

Part # C3088
Download  C3088 Click to download

File Size   37.9 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1/4 Color Camera Module With Digital Output

C3088 Datasheet (HTML) - List of Unclassifed Manufacturers


C3088 Product details

General Description

The C3088 is a 1/4” color camera module with digital output. It uses OmniVision’s CMOS image sensor OV6620. Combining CMOS technology together with an easy to use digital interface makes C3088 a low cost solution for higher quality video image application.



Features:

101,376 pixel, CIF/QCIF format

Small size : 40 x 28 mm

Lens: f=4.9mm (Optional)

8/16 bit video data : CCIR601, CCIR656, ZV port

Read out - progressive

Data format -YCrCb 4:2:2, GRB 4:2:2, RGB

I2C interface

Wide dynamic range, anti blooming, zero smearing

Electronic exposure / Gain / White balance control

Image enhancement - brightness, contrast, gamma, saturation, sharpness, window, etc

Internal / external synchronization scheme

Frame exposure / line exposure option

Single 5V operation

Low power consumption (<100mW)

Monochrome composite video signal output(50 Hz)


 




Similar Part No. - C3088

ManufacturerPart #DatasheetDescription
logo
Powerbox
C308 POWERBOX-C308 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Coilcraft lnc.
C308 COILCRAFT-C308 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C308 COILCRAFT-C308 Datasheet
100Kb / 1P
Designer’s Kits
C308-2 COILCRAFT-C308-2 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C308-2 COILCRAFT-C308-2 Datasheet
100Kb / 1P
Designer’s Kits
More results


Similar Description - C3088

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ056A3CH01 SHARP-LQ056A3CH01 Datasheet
109Kb / 1P
Color TFT-LCD Module(LCD TV/Digital still camera)
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
Color TFT-LCD Module(LCD TV/Digital still camera)
logo
List of Unclassifed Man...
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
CMOS COLOR DIGITAL VIDEO CAMERA
CAM-C3188A ETC2-CAM-C3188A Datasheet
44Kb / 1P
1/3 ??Color Camera Module with Digital Output
C3038 ETC2-C3038 Datasheet
54Kb / 1P
1/4??Color Sensor Module With Digital Output
logo
General Electric Compan...
C3188A GEC-C3188A Datasheet
74Kb / 1P
1/3??Color Camera Module With Digital Output
logo
List of Unclassifed Man...
MUC201 ETC2-MUC201 Datasheet
109Kb / 1P
Color Camera Module
logo
A1 PROs co., Ltd.
A88_960H32X32 A1PROS-A88_960H32X32 Datasheet
344Kb / 2P
1/3 inch Color IT- CCD Camera Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com