Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97644 Datasheet (PDF) - Renesas Technology Corp

ISL97644 Datasheet PDF - Renesas Technology Corp
Part # ISL97644
Download  ISL97644 Download
File Size   855.09 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Boost LDO VON Slice VCOM

ISL97644 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97644 Datasheet PDF - Renesas Technology Corp

Part # ISL97644
Download  ISL97644 Click to download

File Size   855.09 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Boost LDO VON Slice VCOM

ISL97644 Datasheet (HTML) - Renesas Technology Corp


ISL97644 Product details

Boost + LDO + VON Slice + VCOM

The ISL97644 represents an integrated DC/DC regulator for monitor and notebook applications with screen sizes up to 20”. The device integrates a boost converter for generating AVDD, a VON slice circuit, an integrated logic LDO and a high performance VCOM amplifier.

Features
• 3V to 5.5V Input
• 2.6A Integrated Boost for Up to 20V AVDD
• Integrated VON Slice
• 350mA VLOGIC LDO
    - 2.5V, 2.85V, 3.3V Output Voltage Selectable
• 600kHz/1.2MHz fS
• VCOM Amplifier
    - 30MHz BW
    - 50V/µs SR
    - 400mA Peak Output Current
• UV and OT Protection
• 24 Ld 4x4 QFN
• Pb-Free (RoHS Compliant)
    Applications
• LCD Monitors (15”+)
• Notebook Display (up to 16”)




Similar Part No. - ISL97644

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
448Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
ISL97644IRZ INTERSIL-ISL97644IRZ Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
ISL97644IRZ INTERSIL-ISL97644IRZ Datasheet
448Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
ISL97644IRZ-T INTERSIL-ISL97644IRZ-T Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
More results


Similar Description - ISL97644

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
Boost LDO VON Slice VCOM
December 21, 2006
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
Boost VON Slice VCOM
April 11, 2006
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
Boost VON Slice VCOM
July 2, 2007
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
Boost VON Slice VCOM
December 14, 2007
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
Boost VON Slice VCOM
December 14, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com