Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97671A Datasheet (PDF) - Renesas Technology Corp

ISL97671A Datasheet PDF - Renesas Technology Corp
Part # ISL97671A
Download  ISL97671A Download
File Size   1417.66 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control

ISL97671A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97671A Datasheet PDF - Renesas Technology Corp

Part # ISL97671A
Download  ISL97671A Click to download

File Size   1417.66 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control

ISL97671A Datasheet (HTML) - Renesas Technology Corp


ISL97671A Product details

6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control

The ISL97671A is a 6-Channel 45V dual dimming capable LED driver that can be used with either SMBus/I2C or PWM signal for dimming control. The ISL97671A can drive six channels of LEDs from an input of 4.5V~26.5V to an output of up to 45V. It can also operate from an input as low as 3V to an output of up to 26.5V in bootstrap configuration (refer to Figure 38 on page 26).

Features
• 6 x 50mA channels
• 4.5V to 26.5V input with 45V maximum output
• 3V (see Figure 38 on page 26) to 21V input with 26.5V maximum output
• PWM dimming with phase shift control
• SMBus/I2C controlled PWM or DC dimming
• Direct PWM dimming
• PWM dimming linearity
    - PWM dimming with adjustable dimming frequency and duty cycle linear from 0.4% to 100% <30kHz
    - Direct PWM dimming duty cycle linear from 0.007% to 100% at 200Hz
• Current matching ±0.7%
• 600kHz/1.2MHz selectable switching frequency
• Dynamic headroom control
• Fault protection
    - String open/short-circuit, OVP, OTP, and optional output short-circuit fault protection
• 20 Ld 4mmx3mm QFN package

Applications
• Tablet PC to notebook displays LED backlighting
• LCD monitor LED backlighting
• Field sequential RGB LED backlighting




Similar Part No. - ISL97671A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
922Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ-EVALZ INTERSIL-ISL97671AIRZ-EVALZ Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results


Similar Description - ISL97671A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com